Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9051 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9051
Description  10-Bit, 60 MSPS A/D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9051 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9051_15 Datasheet HTML 3Page - Analog Devices AD9051_15 Datasheet HTML 4Page - Analog Devices AD9051_15 Datasheet HTML 5Page - Analog Devices AD9051_15 Datasheet HTML 6Page - Analog Devices AD9051_15 Datasheet HTML 7Page - Analog Devices AD9051_15 Datasheet HTML 8Page - Analog Devices AD9051_15 Datasheet HTML 9Page - Analog Devices AD9051_15 Datasheet HTML 10Page - Analog Devices AD9051_15 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
REV.
AD9051
–8–
ENCODE – MSPS
1.2
0
0
60
10
20
30
40
50
1.0
0.8
0.6
0.4
0.2
TPC 13. Gain vs. Clock Rate
ENCODE – MSPS
16
0
0
60
10
20
30
40
50
14
12
10
8
6
4
2
TPC 14. Offset vs. Clock Rate
DUTY CYCLE – %
60
40
25
55
30
35
40
45
50
58
56
54
52
50
48
46
60
65
70
75
44
42
SNR @ 40MSPS
SNR @ 60MSPS
TPC 15. SNR vs. Duty Cycle
TEMPERATURE – C
6.5
–40
5
4
65
3V FALLING
4.5
45
25
0
–20
3V RISING
85
6
5.5
5V FALLING
5V RISING
TPC 16. tPD vs. Temperature 3 V/5 V
SOURCE CURRENT – mA
2.51
2.50
2.44
2.42
2.45
2.43
2.46
VOUT
2.47
2.48
2.49
0.1 0.25 0.4 0.55 0.7 0.85 1
1.15 1.3 1.45 1.6 1.75 1.9 2.0
TPC 17. Reference Load Regulation
CODE
80
20
0
30
10
40
50
60
70
512
513
514
515
516
517
518
TPC 18. Midscale Histogram (Inputs Tied)
C


Similar Part No. - AD9051_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9051 AD-AD9051_17 Datasheet
686Kb / 12P
   A/D Converter
More results

Similar Description - AD9051_15

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7866 CADEKA-SPT7866 Datasheet
148Kb / 8P
   10-BIT, 60 MSPS A/D CONVERTER
logo
Analog Devices
AD9051BRSZ AD-AD9051BRSZ Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A-D Converter
REV. C
logo
Intersil Corporation
HI5766 INTERSIL-HI5766 Datasheet
155Kb / 14P
   10-Bit, 60 MSPS A/D Converter
logo
Analog Devices
AD9020 AD-AD9020_15 Datasheet
245Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. C
AD9020 AD-AD9020 Datasheet
204Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. A
AD9051 AD-AD9051 Datasheet
142Kb / 12P
   10-Bit, 60 MSPS A/D Converter
REV. A
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com