Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC55142IM Datasheet(PDF) 10 Page - Intersil Corporation

Part # HC55142IM
Description  Low Power Universal SLIC Family
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55142IM Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HC55142IM Datasheet HTML 6Page - Intersil Corporation HC55142IM Datasheet HTML 7Page - Intersil Corporation HC55142IM Datasheet HTML 8Page - Intersil Corporation HC55142IM Datasheet HTML 9Page - Intersil Corporation HC55142IM Datasheet HTML 10Page - Intersil Corporation HC55142IM Datasheet HTML 11Page - Intersil Corporation HC55142IM Datasheet HTML 12Page - Intersil Corporation HC55142IM Datasheet HTML 13Page - Intersil Corporation HC55142IM Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
RING RELAY DRIVER
VSAT at 30mA
IOL = 30mA
-
0.2
0.5
V
••••••
VSAT at 40mA
IOL = 40mA
-
0.52
0.8
V
••••••
Off State Leakage Current
VOH = 13.2V
-
0.1
10
µA
••••••
TEST RELAY DRIVER (TRLY1, TRLY2)
VSAT at 30mA
IOL = 30mA
-
0.3
0.5
V
NA
NA
NA/
NA/
NA/
NA/
VSAT at 40mA
IOL = 40mA
-
0.62
0.9
V
NA
NA
NA/
NA/
NA/
NA/
Off State Leakage Current
VOH = 13.2V
-
-
10
µA
NA
NA
NA/
NA/
NA/
NA/
FIGURE 12. GROUND KEY DETECT
DIGITAL INPUTS (C1, C2, C3)
Input Low Voltage, VIL
0
-
0.8
V
••••••
Input High Voltage, VIH
2.0
-
VCC
V
••••••
Input Low Current, IIL
VIL = 0.4V
-
-
-10
µA
••••••
Input High Current, IIH
VIH = 2.5V
-
25
50
µA
••••••
DETECTOR OUTPUTS (SHD, GKD_LVM)
SHD Output Low Voltage, VOL
Forward, Reverse
IOL = 1mA
-
-
0.5
V
Forward
Only
Forward
Only
•••
SHD Output High Voltage, VOH
Forward, Reverse
IOH = 100µA
2.7
-
-
V
Forward
Only
Forward
Only
•••
GKD_LVM Output Low Voltage,
VOL Forward and Tip Open
IOL = 1mA
R1 = 2.5kΩ (Figure 11)
-
-
0.5
V
GKD
GKD
NA
GKD_
LVM
GKD_
LVM
LVM
GKD_LVM Output High Voltage,
VOH Forward and Tip Open
IOH = 100µA
2.7
-
-
V
GKD
GKD
NA
GKD_
LVM
GKD_
LVM
LVM
Internal Pull-Up Resistor
-
15
-
k
••••••
Electrical Specifications
TA = -40
oCto85oC, V
CC = +5V ±5%, VBH = -48V, VBL = -24V, PTG = Open, RP1 =RP2 =0Ω, ZT = 120kΩ,RLIM = 38.3kΩ,RD = 50kΩ, RDC_RAC = 20kΩ,
ROH = 40kΩ,CH = 0.1µF, CDC = 4.7µF, CRT/REV = 0.47µF, GND = 0V, RL = 600Ω. Unless Otherwise Specified.
(•) Symbol used to indicate the test applies
to the part. (NA) symbol used to indicate the test does not apply to the part. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HC55120
HC55121
HC55130/1
HC55140/1
HC55142/3
HC55150/1
TIP
RING
SHD
2.5k
VTX
VRX


Similar Part No. - HC55142IM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55142IM INTERSIL-HC55142IM Datasheet
692Kb / 36P
   Low Power Universal SLIC Family
logo
Renesas Technology Corp
HC55142IM RENESAS-HC55142IM Datasheet
1Mb / 36P
   Low Power UniSLIC14 Family
logo
Intersil Corporation
HC55142IM96 INTERSIL-HC55142IM96 Datasheet
692Kb / 36P
   Low Power Universal SLIC Family
logo
Renesas Technology Corp
HC55142IM96 RENESAS-HC55142IM96 Datasheet
1Mb / 36P
   Low Power UniSLIC14 Family
logo
Intersil Corporation
HC55142IMZ INTERSIL-HC55142IMZ Datasheet
692Kb / 36P
   Low Power Universal SLIC Family
More results

Similar Description - HC55142IM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55120 INTERSIL-HC55120_06 Datasheet
692Kb / 36P
   Low Power Universal SLIC Family
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Intersil Corporation
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
   VoIP Ringing SLIC Family
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Agere Systems
L7554 AGERE-L7554 Datasheet
486Kb / 28P
   L7554 Low-Power SLIC
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
158Kb / 19P
   Extended Reach Ringing SLIC Family
October 1998
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
   Low-Power SLIC with Ringing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com