Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCS02MS Datasheet(PDF) 5 Page - Intersil Corporation

Part # HCS02MS
Description  Radiation Hardened Quad 2-Input NOR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS02MS Datasheet(HTML) 5 Page - Intersil Corporation

  HCS02MS Datasheet HTML 1Page - Intersil Corporation HCS02MS Datasheet HTML 2Page - Intersil Corporation HCS02MS Datasheet HTML 3Page - Intersil Corporation HCS02MS Datasheet HTML 4Page - Intersil Corporation HCS02MS Datasheet HTML 5Page - Intersil Corporation HCS02MS Datasheet HTML 6Page - Intersil Corporation HCS02MS Datasheet HTML 7Page - Intersil Corporation HCS02MS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Specifications HCS02MS
TABLE 8. STATIC AND DYNAMIC BURN-IN TEST CONNECTIONS
OPEN
GROUND
1/2 VCC = 3V
± 0.5V
VCC = 6V
± 0.5V
OSCILLATOR
50kHz
25kHz
STATIC BURN-IN I TEST CONDITIONS (Note 1)
1, 4, 10, 13
2, 3, 5, 6, 7, 8, 9, 11, 12
-
14
-
-
STATIC BURN-IN II TEST CONNECTIONS (Note 1)
1, 4, 10, 13
7
-
2, 3, 5, 6, 8, 9, 11,
12, 14
--
DYNAMIC BURN-IN I TEST CONNECTIONS (Note 2)
-
7
1, 4, 10, 13
14
2, 3, 5, 6, 8, 9,
11, 12
-
NOTES:
1. Each pin except VCC and GND will have a resistor of 10K
Ω± 5% static burn-in.
2. Each Pin except VCC and GND will have a resistor of 1k
Ω± 5% for dynamic burn-in.
TABLE 9. IRRADIATION TEST CONNECTIONS
OPEN
GROUND
VCC = 5V
± 0.5V
1, 4, 10, 13
7
2, 3, 5, 6, 8, 9, 11, 12, 14
NOTE: Each pin except VCC and GND will have a resistor of 47K
Ω± 5% for irradiation testing.
Group E, Subgroup 2, sample size is 4 dice/wafer 0 failures.
Spec Number
518744


Similar Part No. - HCS02MS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCS02MS RENESAS-HCS02MS Datasheet
453Kb / 8P
   Radiation Hardened Quad 2-Input NOR Gate
August 1995
More results

Similar Description - HCS02MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS02MS INTERSIL-ACS02MS Datasheet
50Kb / 2P
   Radiation Hardened Quad 2-Input NOR Gate
November 1998
logo
Renesas Technology Corp
HCS02MS RENESAS-HCS02MS Datasheet
453Kb / 8P
   Radiation Hardened Quad 2-Input NOR Gate
August 1995
logo
Intersil Corporation
HCTS02MS INTERSIL-HCTS02MS Datasheet
75Kb / 11P
   Radiation Hardened Quad 2-Input NOR Gate
August 1995
HCTS7266MS INTERSIL-HCTS7266MS Datasheet
135Kb / 8P
   Radiation Hardened Quad 2-Input Exclusive NOR Gate
ACS08MS INTERSIL-ACS08MS Datasheet
48Kb / 2P
   Radiation Hardened Quad 2-Input AND Gate
July 1998
ACTS00MS INTERSIL-ACTS00MS Datasheet
85Kb / 8P
   Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS08MS INTERSIL-ACTS08MS Datasheet
77Kb / 8P
   Radiation Hardened Quad 2-Input AND Gate
April 1995
logo
Texas Instruments
SN54AC00-SP TI1-SN54AC00-SP_16 Datasheet
103Kb / 8P
[Old version datasheet]   Radiation Hardened Quad 2 Input NAND Gate
logo
Renesas Technology Corp
HCS00MS RENESAS-HCS00MS Datasheet
363Kb / 8P
   Radiation Hardened Quad 2-Input NAND Gate
August 1995
HCTS02MS RENESAS-HCTS02MS Datasheet
486Kb / 8P
   Radiation Hardened Quad2-Input NOR Gate
August 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com