Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC55182AIM Datasheet(PDF) 6 Page - Intersil Corporation

Part # HC55182AIM
Description  Extended Reach Ringing SLIC Family
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55182AIM Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HC55182AIM Datasheet HTML 2Page - Intersil Corporation HC55182AIM Datasheet HTML 3Page - Intersil Corporation HC55182AIM Datasheet HTML 4Page - Intersil Corporation HC55182AIM Datasheet HTML 5Page - Intersil Corporation HC55182AIM Datasheet HTML 6Page - Intersil Corporation HC55182AIM Datasheet HTML 7Page - Intersil Corporation HC55182AIM Datasheet HTML 8Page - Intersil Corporation HC55182AIM Datasheet HTML 9Page - Intersil Corporation HC55182AIM Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical Specifications
Unless Otherwise Specified, TA = 0
oC to 70oC for the HC55183, 184 only, all others -40oC to 85oC, V
BL = -24V, VCC = +5V, AGND = BGND = 0V,
loop current limit = 25mA. All AC Parameters are specified at 600W 2-wire terminating impedance over the frequency band of 300Hz to 3.4kHz.
Protection resistors = 0W.
PARAMETER
HC55180 (Note 7)
HC55181, HC55182
HC55183, HC55184
UNITS
TEST CONDITIONS
MIN
TYP
MAX
TEST CONDITIONS
MIN
TYP
MAX
TEST CONDITIONS
MIN
TYP
MAX
RINGING PARAMETERS (Note 2)
Ringing Voltage
Open Circuit
(Note 8)
THD
≤ 0.5%
VB = -85V
-80-
THD
≤ 0.5%
VBH = -85V
80
-
-
THD
≤ 0.5%
VBH = -75V
70
-
-
VPEAK
THD
≤ 0.5%
VB = -100V
-95-
THD
≤ 0.5%
VBH = -100V
95
-
-
(Note 9)
-
-
-
VPEAK
Ringing Voltage
Load = 1.3K
(Notes 8, 10)
THD
≤ 2.5%
VB = -85V
-80-
THD
≤ 2.5%
VBH = -85V
80
-
-
THD
≤ 3.0%
VBH = -75V
70
-
-
VPEAK
THD
≤ 2.0%
VB = -100V
-95-
THD
≤ 2.0%
VBH = -100V
95
-
-
(Note 9)
-
-
-
VPEAK
Tip Centering Voltage
VB = -85V, RL = ∞
-
2.5
-
VBH = -85V, RL = ∞
-
-
2.5
VBH = -75V, RL = ∞
--
3
V
VB = -100V, RL = ∞
-
2.0
-
VBH = -100V, RL = ∞
-
-
2.0
(Note 9)
-
-
-
V
Ring Centering Voltage
VB = -85V, RL = ∞
-
2.5
-
VBH = -85V, RL = ∞
-
-
2.5
VBH = -75V, RL = ∞
--
3
V
VB = -100V, RL = ∞
-
2.0
-
VBH = -100V, RL = ∞
-
-
2.0
(Note 9)
-
-
-
V
AC TRANSMISSION PARAMETERS (Notes 5, 6)
2-Wire Longitudinal Balance
(Notes 12, 13)
(Note 11)
-
-
-
Grade A, B
58
62
-
Grade E
45
53
-
dB
Grade C, D
-
59
-
Grade C, D
53
59
-
(Note 11)
-
-
-
dB
4-Wire Longitudinal Balance
(Note 11)
-
-
-
Grade A, B
-
67
-
Grade E
-
58
-
dB
Grade C, D
-
64
-
Grade C, D
-
64
-
(Note 11)
-
-
-
dB
2-Wire to 4-Wire Level Linearity
4-Wire to 2-Wire Level
Linearity
Referenced to -10dBm
+3 to -40dBm, 1kHz
-
0.025
-
+3 to -40dBm, 1kHz
-
0.025
-
+3 to -40dBm, 1kHz
-
0.025
-
dB
-40 to -50dBm, 1kHz
-
0.050
-
-40 to -50dBm, 1kHz
-
0.050
-
-40 to -50dBm, 1kHz
-
0.050
-
dB
-50 to -55dBm, 1kHz
-
0.100
-
-50 to -55dBm, 1kHz
-
0.100
-
-50 to -55dBm, 1kHz
-
0.100
-
dB
DC PARAMETERS
Loop Current Accuracy
(Notes 5, 6)
IL = 25mA
-
7
-
IL = 25mA
-
-
7
IL = 25mA
-
-
10
%
Open Circuit Voltage
(|Tip - Ring|, Note 6)
VB = -16V
-
7.5
-
VBL = -16V
6.5
7.5
9.5
VBL = -16V
-
7.5
-
V
VB = -24V
14
15.5
17
VBL = -24V
14
15.5
17
VBL = -24V
14
15.5
17
V
VB = -85V
-
50
-
BSEL = 1, VBH = -85V
-
50
-
BSEL = 1, VBH = -75V
-
50
-
V
VB = -100V
-
50
-
BSEL = 1, VBH = -100V
-
50
-
(Note 9)
-
-
-
V
Low Power Standby
Open Circuit Voltage
(Tip - Ring, Note 2)
VB = -48V
43
45
47
VBH = -48V
43
45
47
VBH = -48V
43
45
47
V
VB = -85V
46
49
52
VBH = -85V
46
49
52
VBH = -75V
46
49
52
V
VB = -100V
46
49
52
VBH = -100V
46
49
52
(Note 9)
-
-
-
V
TEST ACCESS FUNCTIONS
Switch On Voltage
(Note 14)
-
-
-
IOL = 45mA
-
0.30
0.60
(Note 14)
-
-
-
V
Loopback Max Battery
-
-
52
-
-
52
(Note 15)
-
-
52
V


Similar Part No. - HC55182AIM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
HC55180DIM INTERSIL-HC55180DIM Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
HC55181 INTERSIL-HC55181 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
HC55181DIM INTERSIL-HC55181DIM Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
More results

Similar Description - HC55182AIM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Intersil Corporation
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
   VoIP Ringing SLIC Family
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
logo
Intersil Corporation
ISL5585 INTERSIL-ISL5585 Datasheet
425Kb / 22P
   3.3V Ringing SLIC Family for Voice Over Broadband VOB
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com