Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC55181DIM Datasheet(PDF) 11 Page - Intersil Corporation

Part # HC55181DIM
Description  Extended Reach Ringing SLIC Family
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55181DIM Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HC55181DIM Datasheet HTML 7Page - Intersil Corporation HC55181DIM Datasheet HTML 8Page - Intersil Corporation HC55181DIM Datasheet HTML 9Page - Intersil Corporation HC55181DIM Datasheet HTML 10Page - Intersil Corporation HC55181DIM Datasheet HTML 11Page - Intersil Corporation HC55181DIM Datasheet HTML 12Page - Intersil Corporation HC55181DIM Datasheet HTML 13Page - Intersil Corporation HC55181DIM Datasheet HTML 14Page - Intersil Corporation HC55181DIM Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
38
Voice Transmission
The feedback mechanism for monitoring the AC portion of
the loop current consists of two amplifiers, the sense
amplifier (SA) and the transmit amplifier (TA). The AC
feedback signal is used for impedance synthesis. A detailed
model of the AC feed back loop is provided below.
The gain of the transmit amplifier, set by RS , determines the
programmed impedance of the device. The capacitor CFB
blocks the DC component of the loop current. The ground
symbols in the model represent AC grounds, not actual DC
potentials.
The sense amp output voltage, VSA, as a function of Tip and
Ring voltage and load is calculated using Equation 23.
The transmit amplifier provides the programmable gain
required for impedance synthesis. In addition, the output of
this amplifier interfaces to the CODEC transmit input. The
output voltage is calculated using Equation 24.
Once the impedance matching components have been
selected using the design equations, the above equations
provide additional insight as to the expected AC node
voltages for a specific Tip and Ring load.
Transhybrid Balance
The final step in completing the impedance synthesis design
is calculating the necessary gains for transhybrid balance.
The AC feed back loop produces an echo at the VTX output
of the signal injected at VRX. The echo must be cancelled to
maintain voice quality. Most applications will use a summing
amplifier in the CODEC front end as shown below to cancel
the echo signal.
The resistor ratio, RF/RB, provides the final adjustment for
the transmit gain, GTX. The transmit gain is calculated using
Equation 25.
Most applications set RF = RB, hence the device 2-wire to
4-wire equals the transmit gain. Typically RB is greater than
20k
Ω to prevent loading of the device transmit output.
The resistor ratio, RF/RA, is determined by the transhybrid
gain of the device, G44. RF is previously defined by the
transmit gain requirement and RA is calculated using
Equation 26.
Power Dissipation
The power dissipated by the device during on hook
transmission is strictly a function of the quiescent currents
for each supply voltage during Forward Active operation.
Off hook power dissipation is increased above the quiescent
power dissipation by the DC load. If the loop length is less
than or equal to RKNEE, the device is providing constant
current, IA, and the power dissipation is calculated using
Equation 28.
If the loop length is greater than RKNEE, the device is operating
in the constant voltage, resistive feed region. The power
dissipated in this region is calculated using Equation 29.
Since the current relationships are different for constant
current versus constant voltage, the region of device
operation is critical to valid power dissipation calculations.
FIGURE 6. AC SIGNAL TRANSMISSION MODEL
TIP
RING
+
-
-IN
VFB
VRX
VTX
R
R
R
R
+
-
+
-
1:1
20
20
0.75R
3R
3R
3R
3R
R/2
8K
RS
CFB
TA
VSA
V
SA
V
T
V
R
()
10
Z
L
------
=
(EQ. 23)
V
VTX
V
SA
R
S
8e3
----------


=
(EQ. 24)
FIGURE 7. TRANSHYBRID BALANCE INTERFACE
+
-
RF
RB
RA
HC5518x
CODEC
+2.4V
RX OUT
TX IN
-IN
VRX
VTX
R
R
1:1
RS
TA
G
TX
G
24
R
F
R
B
--------



=
(EQ. 25)
R
A
R
B
G
44
----------
=
(EQ. 26)
P
FAQ
V
BH
I
×
BHQ
V
BL
I
BLQ
×
V
CC
I
CCQ
×
++
=
(EQ. 27)
P
FA IA
()
P
FA Q
()
V
BLxIA
()
R
LOOPxI
2
A
()
+
=
(EQ. 28)
P
FA IB
()
P
FA Q
()
V
BLxIB
()
R
LOOPxI
2
B
()
+
=
(EQ. 29)
HC55180, HC55181, HC55182, HC55183, HC55184


Similar Part No. - HC55181DIM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55181DIM INTERSIL-HC55181DIM Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
More results

Similar Description - HC55181DIM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Intersil Corporation
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
   VoIP Ringing SLIC Family
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
logo
Intersil Corporation
ISL5585 INTERSIL-ISL5585 Datasheet
425Kb / 22P
   3.3V Ringing SLIC Family for Voice Over Broadband VOB
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com