Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HCA10008 Datasheet(PDF) 6 Page - Intersil Corporation

Part No. HCA10008
Description  80V/2.5A Peak, High Frequency Full Bridge FET Driver
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HCA10008 Datasheet(HTML) 6 Page - Intersil Corporation

Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
GATE DRIVER OUTPUT PINS: ALO, BLO, AHO, AND BHO
Low Level Output Voltage
VOL
IOUT = 100mA
0.7
0.85
1.0
0.5
1.1
V
High Level Output Voltage
VCC-VOH
IOUT = -100mA
0.8
0.95
1.1
0.5
1.2
V
Peak Pullup Current
IO+VOUT = 0V
1.7
2.6
3.8
1.4
4.1
A
Peak Pulldown Current
IO-VOUT = 12V
1.7
2.4
3.3
1.3
3.6
A
Undervoltage, Rising Threshold
UV+
8.1
8.8
9.4
8.0
9.5
V
Undervoltage, Falling Threshold
UV-
7.6
8.3
8.9
7.5
9.0
V
Undervoltage, Hysteresis
HYS
0.25
0.4
0.65
0.2
0.7
V
Electrical Specifications
VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V, RHDEL = RLDEL = 100K and
TA = 25
oC, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TJ = 25
oC
TJS = -40
oCTO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
Switching Specifications VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V, RHDEL = RLDEL = 10K,
CL = 1000pF
PARAMETER
SYMBOL
TEST CONDITIONS
TJ = 25
oC
TJS = -40
oC
TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
Lower Turn-Off Propagation Delay
(ALI-ALO, BLI-BLO)
TLPHL
-30
60-80
ns
Upper Turn-Off Propagation Delay
(AHI-AHO, BHI-BHO)
THPHL
-35
70-90
ns
Lower Turn-On Propagation Delay
(ALI-ALO, BLI-BLO)
TLPLH
RHDEL = RLDEL = 10K
-
45
70
-
90
ns
Upper Turn-On Propagation Delay
(AHI-AHO, BHI-BHO)
THPLH
RHDEL = RLDEL = 10K
-
60
90
-
110
ns
Rise Time
TR
-10
25-35
ns
Fall Time
TF
-10
25-35
ns
Turn-On Input Pulse Width
TPWIN-ON
RHDEL = RLDEL = 10K
50
-
-
50
-
ns
Turn-Off Input Pulse Width
TPWIN-OFF
RHDEL = RLDEL = 10K
40
-
-
40
-
ns
Turn-On Output Pulse Width
TPWOUT-ON
RHDEL = RLDEL = 10K
40
-
-
40
-
ns
Turn-Off Output Pulse Width
TPWOUT-OFF RHDEL = RLDEL = 10K
30
-
-
30
-
ns
Disable Turn-Off Propagation Delay
(DIS - Lower Outputs)
TDISLOW
-45
75-95
ns
Disable Turn-Off Propagation Delay
(DIS - Upper Outputs)
TDISHIGH
-
55
85
-
105
ns
Disable to Lower Turn-On Propagation Delay
(DIS - ALO and BLO)
TDLPLH
-40
70-90
ns
Refresh Pulse Width (ALO and BLO)
TREF-PW
240
410
550
200
600
ns
Disable to Upper Enable (DIS - AHO and BHO)
TUEN
-
450
620
-
690
ns
HCA10008


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn