Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC5549CM Datasheet(PDF) 10 Page - Intersil Corporation

Part # HC5549CM
Description  Low Power SLIC with Battery Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5549CM Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HC5549CM Datasheet HTML 5Page - Intersil Corporation HC5549CM Datasheet HTML 6Page - Intersil Corporation HC5549CM Datasheet HTML 7Page - Intersil Corporation HC5549CM Datasheet HTML 8Page - Intersil Corporation HC5549CM Datasheet HTML 9Page - Intersil Corporation HC5549CM Datasheet HTML 10Page - Intersil Corporation HC5549CM Datasheet HTML 11Page - Intersil Corporation HC5549CM Datasheet HTML 12Page - Intersil Corporation HC5549CM Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
4-89
Power Dissipation
The power dissipation during ringing is dictated by the load
driving requirements and the ringing waveform. The key to
valid power calculations is the correct definition of average
and rms currents. The average current defines the high
battery supply current. The rms current defines the load
current.
The cadence provides a time averaging reduction in the
peak power. The total power dissipation consists of ringing
power, Pr, and the silent interval power, Ps.
The terms, tr and ts, represent the cadence. The ringing
interval is tr and the silent interval is ts. The typical cadence
ratio tr:ts is 1:2.
The quiescent power of the device in the ringing mode is
defined in Equation 34.
During ringing, the device is operated from the low battery,
therefore the VBH power contribution is negligible. The total
power during the ringing interval is the sum of the quiescent
power and loading power:
For sinusoidal waveforms, the average current, IAVG, is
defined in equation 36.
The only amplifier providing load current during ringing is the
Tip amplifier. Therefore the total power contribution from the
device is half the average power required by the load.
The silent interval power dissipation will be determined by
the quiescent power of the selected operating mode.
Power Denial
Overview
The power denial mode (111) will shutdown the entire device
except for the logic interface. Loop supervision is not
provided. This mode may be used as a sleep mode or to
shutdown in the presence of a persistent thermal alarm.
Switching between high and low battery will have no effect
during power denial.
Functionality
During power denial, both the Tip and Ring amplifiers are
disabled, representing high impedances. The voltages at
both outputs are near ground.
Thermal Shutdown
In the event the safe die temperature is exceeded, the ALM
output will go low and DET will go high and the part will
automatically shut down. When the device cools, ALM will go
high and DET will reflect the loop status. If the thermal fault
persists, ALM will go low again and the part will shutdown.
Programming power denial will permanently shutdown the
device and stop the self cooling cycling.
Battery Switching
Overview
The integrated battery switch selects between the high
battery (VBH) and low battery (VBL). The battery switch is
controlled with the logic input BSEL. When BSEL is a logic
high, the high battery is selected and when a logic low, the
low battery is selected. All operating modes of the device will
operate from high or low battery except forward loop back.
Functionality
The logic control is independent of the operating mode
decode. Independent logic control provides the most
flexibility and will support all application configurations.
When changing device operating states, battery switching
should occur simultaneously with or prior to changing the
operating mode. In most cases, this will minimize overall
power dissipation and prevent glitches on the DET output.
The only external component required to support the battery
switch is a diode in series with the VBH supply lead. In the
event that high battery is removed, the diode allows the
device to transition to low battery operation.
Low Battery Operation
All off hook operating conditions and ringing should use the
low battery. The prime benefit will be reduced power
dissipation. The typical low battery for the device is -24V.
However this may be increased to support longer loop
lengths or high loop current requirements. Standby
conditions may also operate from the low battery if MTU
compliance is not required, further reducing standby power
dissipation.
High Battery Operation
The high battery should be used for standby conditions
which must provide MTU compliance. During standby
operation the power consumption is typically 40 mW with -
48V battery. If standby requirements do not require high
battery operation, then a lower battery will result in lower
standby power.
P
RNG
P
r
t
r
t
r
t
s
+
--------------
P
s
t
s
t
r
t
s
+
--------------
+
=
(EQ. 32)
P
rQ
()
VBH
IBH
Q
VBL
IBL
Q
VCC
ICC
Q
++
=
(EQ. 33)
P
r
P
rQ
() VBL IAVG
V
rms
2
Z
REN
R
LOOP
+
------------------------------------------
+
=
(EQ. 34)
I
AVG
2
π
---


V
rms
2
Z
REN
R
LOOP
+
------------------------------------------
=
(EQ. 35)
I
AVG
1
π
---


V
rms
2
Z
REN
R
LOOP
+
------------------------------------------
=
(EQ. 36)
HC5549


Similar Part No. - HC5549CM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5549CM INTERSIL-HC5549CM Datasheet
293Kb / 13P
   Low Power SLIC with Battery Switch
HC5549CM INTERSIL-HC5549CM Datasheet
296Kb / 13P
   Low Power SLIC with Battery Switch
October 21, 2004
logo
Renesas Technology Corp
HC5549CM RENESAS-HC5549CM Datasheet
694Kb / 13P
   Low Power SLIC with Battery Switch
October 21, 2004
logo
Intersil Corporation
HC5549CMZ INTERSIL-HC5549CMZ Datasheet
293Kb / 13P
   Low Power SLIC with Battery Switch
HC5549CMZ INTERSIL-HC5549CMZ Datasheet
296Kb / 13P
   Low Power SLIC with Battery Switch
October 21, 2004
More results

Similar Description - HC5549CM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5549CM INTERSIL-HC5549CM Datasheet
296Kb / 13P
   Low Power SLIC with Battery Switch
October 21, 2004
logo
Renesas Technology Corp
HC5549 RENESAS-HC5549 Datasheet
694Kb / 13P
   Low Power SLIC with Battery Switch
October 21, 2004
logo
Intersil Corporation
HC5549 INTERSIL-HC5549_04 Datasheet
293Kb / 13P
   Low Power SLIC with Battery Switch
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
   Low-Power SLIC with Ringing
L7556 AGERE-L7556 Datasheet
700Kb / 28P
   Low-Power SLICs with Battery Switch
L7585F AGERE-L7585F Datasheet
441Kb / 22P
   Full-Feature,Low-Power SLIC and Switch
L7585G AGERE-L7585G Datasheet
446Kb / 22P
   Full-Feature,Low-Power SLIC and Switch
L7554 AGERE-L7554 Datasheet
486Kb / 28P
   L7554 Low-Power SLIC
logo
Sipex Corporation
SP691A SIPEX-SP691A Datasheet
196Kb / 24P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP791CN-L SIPEX-SP791CN-L Datasheet
219Kb / 19P
   Low Power Microprocessor Supervisory with Battery Switch-Over
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com