Electronic Components Datasheet Search |
|
EPA3507-XX Datasheet(PDF) 1 Page - PCA ELECTRONICS INC. |
|
EPA3507-XX Datasheet(HTML) 1 Page - PCA ELECTRONICS INC. |
|
1 / 1 page 14 Pin DIP and SMD 5 Tap Both Edges Controlled Fast Logic TTL Compatible Active Delay Lines Input to Tap ± 5% or ± 2nS† Tap to Tap ± 7% or ± 2nS† Tap 5, 10, 15, 20 6, 12, 18, 24 7, 14, 21, 28 8, 16, 24, 32 9, 18, 27, 36 10, 20, 30, 40 12, 24, 36, 48 15, 30, 45, 60 20, 40, 60, 80 25, 50, 75, 100 30, 60, 90, 120 35, 70, 105, 140 Total 25 30 35 40 45 50 60 75 100 125 150 175 DIP Part Number EPA3507-25 EPA3507-30 EPA3507-35 EPA3507-40 EPA3507-45 EPA3507-50 EPA3507-60 EPA3507-75 EPA3507-100 EPA3507-125 EPA3507-150 EPA3507-175 SMD Part Number EPA3507G-25 EPA3507G-30 EPA3507G-35 EPA3507G-40 EPA3507G-45 EPA3507G-50 EPA3507G-60 EPA3507G-75 EPA3507G-100 EPA3507G-125 EPA3507G-150 EPA3507G-175 Tap 40, 80, 120, 160 45, 90, 135, 180 50, 100, 150, 200 60, 120, 180, 240 70, 140, 210, 280 80, 160, 240, 320 84, 168, 252, 336 88, 176, 264, 352 90, 180, 270, 360 84, 188, 282, 376 100, 200, 300, 400 Total 200 225 250 300 350 400 420 440 450 470 500 DIP Part Number EPA3507-200 EPA3507-225 EPA3507-250 EPA3507-300 EPA3507-350 EPA3507-400 EPA3507-420 EPA3507-440 EPA3507-450 EPA3507-470 EPA3507-500 SMD Part Number EPA3507G-200 EPA3507G-225 EPA3507G-250 EPA3507G-300 EPA3507G-350 EPA3507G-400 EPA3507G-420 EPA3507G-440 EPA3507G-450 EPA3507G-470 EPA3507G-500 † Whichever is greater. Delay measured @ 1.5V levels on leading and trailing edge w/ 15pF load on taps. Rise and Fall Time measured from 0.75 to 2.4V level. Compatible with standard auto-insertable equipment and can be used in either infrared or vapor phase process. Schematic VOH High-Level Output Voltage VCC= Min. VIL= Max. IOH = Max. 2.7 V VOL Low-Level Output Voltage VCC= Min. VIH = Min. I OL= Max. 0.5 V VIK Input Clamp Voltage VCC= Min. II = IIK -1.2 V IIH High-Level Input Current VCC= Max. VIN = 2.7V 20 µA IIL Low-Level Input Current VCC= Max. VIN = 0.5V -0.6 mA IOS Short Circuit Output Current VCC= Max. VOUT = 0. -60 -150 mA (One output at a time) I CCH High-Level Supply Current VCC= Max. VIN = OPEN 25 mA ICCL Low-Level Supply Current VCC= Max. VIN = 0 40 mA TRO Output Rise Time Td ≤ 500 nS (0.75 to 2.4 Volts) 4 nS Td > 500 nS 5 nS NH Fanout High-Level Output VCC= Max. VOH = 2.7V NL Fanout Low-Level Output VCC= Max. VOL = 0.5V Electrical Characteristics Parameter Test Conditions Min. Max. Unit VCC Supply Voltage 4.75 5.25 V VIH High-Level Input Voltage 2.0 V VIL Low-Level Input Voltage 0.8 V IIK Input Clamp Current -18 mA IOH High-Level Output Current -1.0 mA IOL Low-Level Output Current 20 mA PW* Input Pulse Width of Total Delay 40 % d* Duty Cycle 50 % T A Operating Free-Air Temperature 0 +70 °C Recommended Operating Conditions Min. Max. Unit *These two values are inter-dependent. Unless Otherwise Noted Dimensions in Inches Tolerances: Fractional = ± 1/32 .XX = ± .030 .XXX = ± .010 16799 SCHOENBORN ST. NORTH HILLS, CA 91343 TEL: (818) 892-0761 FAX: (818) 894-5791 E L E C T R O N I C S I N C . DSA3507G-XX & DSA3507-XX Rev. - 7/22/98 QAF-CSO1 Rev. B 8/25/94 DIP Package SMD Package EIN Pulse Input Voltage 3.2 Volts PW Pulse Width 1.2X Total Delay TRI Pulse Rise Time (10 - 90%) 3.0 nS PRR Pulse Repetition Rate 4X P MHz VCC Supply Voltage 5.0 Volts Input Pulse Test Conditions @ 25° C Unit nS TC Temp. Coeff. of Total Delay TSTG Storage Temp. Range 100 + (25000/TD) PPM/°C -20 °C to +100 °C 20 TTL LOAD 10 TTL LOAD W --- --- Input to Tap ± 5% or ± 2nS† Tap to Tap ± 7% or ± 2nS† 12 4 10 6 8 1 7 OUTPUT GROUND INPUT 14 VCC .100 Typ. .770 .215 .010 ± .005 .019 ± .002 .420 .055 .300 .030 Suggested Solder Pad Layout .200 .270 .200 Typ. .300 Typ. PCA EPA3507G-XX Date Code .085 Typ. .035 .380 0°-8° .010 Typ. Pin 1 I.D. .365 Max. .010 Typ. .280 Max. PCA EPA3507-XX Date Code Pin 1 I.D. .100 .300 .200 .780 Max. .125 ± .010 .020 Min. .250 Max. .020 Typ. |
Similar Part No. - EPA3507-XX_15 |
|
Similar Description - EPA3507-XX_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |