Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC55171BIB Datasheet(PDF) 11 Page - Intersil Corporation

Part # HC55171BIB
Description  Low Cost 5 REN Ringing SLIC for ISDN Modem/TA and WL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55171BIB Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HC55171BIB Datasheet HTML 3Page - Intersil Corporation HC55171BIB Datasheet HTML 4Page - Intersil Corporation HC55171BIB Datasheet HTML 5Page - Intersil Corporation HC55171BIB Datasheet HTML 6Page - Intersil Corporation HC55171BIB Datasheet HTML 7Page - Intersil Corporation HC55171BIB Datasheet HTML 8Page - Intersil Corporation HC55171BIB Datasheet HTML 9Page - Intersil Corporation HC55171BIB Datasheet HTML 10Page - Intersil Corporation HC55171BIB Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
73
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (407) 724-7000
FAX: (407) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
HC5517B Trapezoidal Ringing Application Circuit Parts List
COMPONENT
VALUE
TOLERANCE
RATING
COMPONENT
VALUE
TOLERANCE
RATING
U1 - Ringing SLIC
HC55171B
N/A
N/A
RIL2
7.68k
1%
1/
8W
RS1, RS2
49.9
1%
1/
2WRTRAP
User-Defined
1%
1/
8W
RZO, RIL1
56.2k
1%
1/
8WCPS1, CPS2
0.1
µF
10%
100V
RRT1
49.9k
1%
1/
8WCIL, CRT, CAC, CRX
0.47
µF
10%
50V
RRT2
1.5M
1%
1/
8WCTRAP
4.7
µF
10%
10V
RRT3
51.1k
1%
1/
8WDRT, DTRAP
1N914
Generic Rectifier Diode
RRF
45.3k
1%
1/
8W
HC55171B


Similar Part No. - HC55171BIB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55171 INTERSIL-HC55171 Datasheet
153Kb / 18P
   5 REN Ringing SLIC for ISDN Modem/TA and WLL
July 1998
HC55171CB INTERSIL-HC55171CB Datasheet
153Kb / 18P
   5 REN Ringing SLIC for ISDN Modem/TA and WLL
July 1998
HC55171CM INTERSIL-HC55171CM Datasheet
153Kb / 18P
   5 REN Ringing SLIC for ISDN Modem/TA and WLL
July 1998
HC55171IB INTERSIL-HC55171IB Datasheet
153Kb / 18P
   5 REN Ringing SLIC for ISDN Modem/TA and WLL
July 1998
HC55171IM INTERSIL-HC55171IM Datasheet
153Kb / 18P
   5 REN Ringing SLIC for ISDN Modem/TA and WLL
July 1998
More results

Similar Description - HC55171BIB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5517B INTERSIL-HC5517B Datasheet
88Kb / 11P
   Low Cost 3 REN Ringing SLIC for ISDN Modem/TA and WL
July 1998
HC55171 INTERSIL-HC55171_03 Datasheet
874Kb / 20P
   5 REN Ringing SLIC for ISDN Modem/TA and WLL
HC55171 INTERSIL-HC55171 Datasheet
153Kb / 18P
   5 REN Ringing SLIC for ISDN Modem/TA and WLL
July 1998
HC5517 INTERSIL-HC5517 Datasheet
175Kb / 18P
   3 REN Ringing SLIC For ISDN Modem/TA and WLL
July 1998
HC5517 INTERSIL-HC5517_00 Datasheet
416Kb / 19P
   3 REN Ringing SLIC For ISDN Modem/TA and WLL
logo
Agere Systems
L9214A AGERE-L9214A Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
logo
Intersil Corporation
ISL5586 INTERSIL-ISL5586_04 Datasheet
584Kb / 20P
   Low Power Ringing SLIC for Home Gateways
logo
Renesas Technology Corp
ISL5586 RENESAS-ISL5586 Datasheet
993Kb / 20P
   Low Power Ringing SLIC for Home Gateways
logo
Intersil Corporation
ISL5586 INTERSIL-ISL5586 Datasheet
497Kb / 20P
   Low Power Ringing SLIC for Home Gateways
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
   Low-Power SLIC with Ringing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com