Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC5515 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HC5515
Description  ITU CO/PABX SLIC with Low Power Standby
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5515 Datasheet(HTML) 3 Page - Intersil Corporation

  HC5515 Datasheet HTML 1Page - Intersil Corporation HC5515 Datasheet HTML 2Page - Intersil Corporation HC5515 Datasheet HTML 3Page - Intersil Corporation HC5515 Datasheet HTML 4Page - Intersil Corporation HC5515 Datasheet HTML 5Page - Intersil Corporation HC5515 Datasheet HTML 6Page - Intersil Corporation HC5515 Datasheet HTML 7Page - Intersil Corporation HC5515 Datasheet HTML 8Page - Intersil Corporation HC5515 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
57
LONGITUDINAL CURRENT LIMIT (TIP/RING)
Off-Hook (Active)
No False Detections, (Loop Current),
LB > 45dB (Note 4, Figure 3A)
20
-
-
mAPEAK/
Wire
On-Hook (Standby), RL = ∞
No False Detections (Loop Current) (Note 5,
Figure 3B)
5-
-
mAPEAK/
Wire
FIGURE 3A. OFF-HOOK
FIGURE 3B. ON-HOOK
FIGURE 3. LONGITUDINAL CURRENT LIMIT
OFF-HOOK LONGITUDINAL BALANCE
Longitudinal to Metallic
IEEE 455 - 1985, RLR, RLT = 368Ω
0.2kHz < f < 4.0kHz (Note 6, Figure 4)
53
70
-
dB
Longitudinal to Metallic
RLR, RLT = 300Ω, 0.2kHz < f < 4.0kHz
(Note 6, Figure 4)
53
70
-
dB
Metallic to Longitudinal
FCC Part 68, Para 68.310
0.2kHz < f < 1.0kHz
50
55
-
dB
1.0kHz < f < 4.0kHz (Note 7)
50
55
-
dB
Longitudinal to 4-Wire
0.2kHz < f < 4.0kHz (Note 8, Figure 4)
53
70
-
dB
Metallic to Longitudinal
RLR, RLT = 300Ω, 0.2kHz < f < 4.0kHz
(Note 9, Figure 5)
50
55
-
dB
4-Wire to Longitudinal
0.2kHz < f < 4.0kHz (Note 10, Figure 5)
50
55
-
dB
FIGURE 4. LONGITUDINAL TO METALLIC AND
LONGITUDINAL TO 4-WIRE BALANCE
FIGURE 5. METALLIC TO LONGITUDINAL AND 4-WIRE TO
LONGITUDINAL BALANCE
2-Wire Return Loss
CHP = 20nF
0.2kHz to 0.5kHz (Note 11, Figure 6)
25
-
-
dB
0.5kHz to 1.0kHz (Note 11, Figure 6)
27
-
-
dB
1.0kHz to 3.4kHz (Note 11, Figure 6)
23
-
-
dB
TIP IDLE VOLTAGE
Active, IL = 0
-
-1.5
-
V
Standby, IL = 0
-<0-
V
RING IDLE VOLTAGE
Active, IL = 0
-
-46.5
-
V
Electrical Specifications
TA = -40
oCto85oC, V
CC = +5V ±5%, VEE = -5V ±5%, VBAT = -48V, AGND = BGND = 0V, RDC1 =RDC2 = 41.2kΩ,
RD = 39kΩ,RSG =0Ω,RF1 =RF2 =0Ω,CHP = 10nF, CDC = 1.5µF, ZL = 600Ω, Unless Otherwise Specified. All pin
number references in the figures refer to the 28 lead PLCC package. (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RDC2
41.2k
RDC1
41.2k
CDC
1.5
µF
EL
-5V
39k
368
368
C
2.16
µF
A
TIP
27
RSN
16
RING
28
RDC
14
DET
RD
A
RDC2
41.2k
RDC1
41.2k
CDC
1.5
µF
EL
-5V
39k
368
368
A
TIP
27
RSN
16
RING
28
RDC
14
DET
RD
C
2.16
µF
C
2.16
µF
A
RT
RRX
EL
VTR
600k
300k
C
RLT
RLR
VTX
2.16
µF
TIP
27
VTX
19
RING
28
RSN
16
RT
RRX
ETR
VL
600k
300k
C
RLT
RLR
ERX
300
300
2.16
µF
TIP
27
VTX
19
RING
28
RSN
16
HC5515


Similar Part No. - HC5515

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5515 INTERSIL-HC5515 Datasheet
461Kb / 20P
   ITU CO/PABX SLIC with Low Power Standby
HC55150 INTERSIL-HC55150 Datasheet
382Kb / 35P
   Low Power Universal SLIC Family
June 2000
HC55150 INTERSIL-HC55150 Datasheet
692Kb / 36P
   Low Power Universal SLIC Family
logo
Renesas Technology Corp
HC55150 RENESAS-HC55150 Datasheet
1Mb / 36P
   Low Power UniSLIC14 Family
logo
Intersil Corporation
HC55150CB INTERSIL-HC55150CB Datasheet
382Kb / 35P
   Low Power Universal SLIC Family
June 2000
More results

Similar Description - HC5515

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5526 INTERSIL-HC5526_03 Datasheet
415Kb / 20P
   ITU CO/PABX SLIC with Low Power Standby
logo
Renesas Technology Corp
HC5526 RENESAS-HC5526 Datasheet
993Kb / 19P
   ITU CO/PABX SLIC with Low Power Standby
August 2003
logo
Intersil Corporation
HC5515 INTERSIL-HC5515_06 Datasheet
461Kb / 20P
   ITU CO/PABX SLIC with Low Power Standby
HC5526 INTERSIL-HC5526 Datasheet
176Kb / 18P
   ITU CO/PABX SLIC with Low Power Standby
October 1998
HC-5504B1 INTERSIL-HC-5504B1_03 Datasheet
558Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
logo
Renesas Technology Corp
HC-5504B1 RENESAS-HC-5504B1 Datasheet
578Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5504B1 INTERSIL-HC-5504B1 Datasheet
84Kb / 9P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
February 1999
HC-5502B INTERSIL-HC-5502B Datasheet
84Kb / 9P
   EIA/ITU PABX SLIC with 30mA Loop Feed
February 1999
logo
Renesas Technology Corp
HC-5502B RENESAS-HC-5502B Datasheet
636Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5504B INTERSIL-HC-5504B Datasheet
87Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
July 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com