Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HC-5509B Datasheet(PDF) 2 Page - Intersil Corporation

Part No. HC-5509B
Description  SLIC Subscriber Line Interface Circuit
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC-5509B Datasheet(HTML) 2 Page - Intersil Corporation

  HC-5509B Datasheet HTML 1Page - Intersil Corporation HC-5509B Datasheet HTML 2Page - Intersil Corporation HC-5509B Datasheet HTML 3Page - Intersil Corporation HC-5509B Datasheet HTML 4Page - Intersil Corporation HC-5509B Datasheet HTML 5Page - Intersil Corporation HC-5509B Datasheet HTML 6Page - Intersil Corporation HC-5509B Datasheet HTML 7Page - Intersil Corporation HC-5509B Datasheet HTML 8Page - Intersil Corporation HC-5509B Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Absolute Maximum Ratings (Note 1)
Operating Conditions
Relay Drivers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +15V
Maximum Supply Voltages
(VB+) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7V
(VB+)-(VB-) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +75V
Junction Temperature Ceramic. . . . . . . . . . . . . . . . . . . . . . . +175oC
Junction Temperature Plastic . . . . . . . . . . . . . . . . . . . . . . . . +150oC
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +300oC
(For SOIC - Lead Tips Only)
Operating Temperature Range
HC-5509B3999-003. . . . . . . . . . . . . . . . . . . . . . . . . 0oC to +75oC
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65oC to +150oC
Relay Drivers. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V to +12V
Positive Power Supply (VB+) . . . . . . . . . . . . . . . . . . . . . . . . +5V ±5%
Negative Power Supply (VB-) . . . . . . . . . . . . . . . . . . . . -42V to -58V
Loop Resistance (RL) . . . . . . . . . . . . . . . . . 200Ω to 1750Ω (Note 2)
Thermal Information
Thermal Resistance (Typical)
θJA (oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . .
75
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
Unless Otherwise Specified, Typical Parameters are at TA = +25
oC, Min-Max Parameters are Over
Operating Temperature Range, VB- = -48V, VB+ = +5V, AG = DG = BG = 0V. All AC Parameters are
specified at 600
Ω 2-Wire Terminating Impedance.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
AC TRANSMISSION PARAMETERS
RX Input Impedance
300Hz to 3.4kHz (Note 3)
-
100
-
k
TX Output Impedance
300Hz to 3.4kHz (Note 3)
-
-
20
4-Wire Input Overload Level
300Hz to 3.4kHz RL = 1200Ω,
600
Ω Reference
+1.5
-
-
VPEAK
2-Wire Return Loss
Matched for 600
Ω (Note 3)
SRL LO
26
35
-
dB
ERL
30
40
-
dB
SRL HI
30
40
-
dB
2-Wire Longitudinal to Metallic Balance
Off Hook
Per ANSI/IEEE STD 455-1976 (Note 3)
300Hz to 3400Hz
58
63
-
dB
4-Wire Longitudinal Balance
Off Hook
300Hz to 3400Hz (Note 3)
50
55
-
dB
Low Frequency Longitudinal Balance
R.E.A. Test Circuit
-
-
-67
dBmp
ILINE = 40mA TA = +25
oC (Note 3)
-
-
23
dBrnC
Longitudinal Current Capability
ILINE = 40mA TA = +25
oC (Note 3)
-
-
30
mARMS
Insertion Loss
0dBm at 1kHz, Referenced 600
2-Wire/4-Wire
-
±0.05
±0.2
dB
4-Wire/2-Wire
-
±0.05
±0.2
dB
4-Wire/4-Wire
--
±0.2
dB
Frequency Response
300Hz to 3400Hz (Note 3) Referenced to
Absolute Level at 1kHz, 0dBm Referenced
600
Ω7
-
±0.02
±0.05
dB
Level Linearity
Referenced to -10dBm (Note 3)
2-Wire to 4-Wire and 4-Wire to 2-Wire
+3 to -40dBm
-
-
±0.05
dB
-40 to -50dBm
-
-
±0.1
dB
-50 to -55dBm
-
-
±0.3
dB
Specifications HC-5509B3999-003


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn