Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC-5504B Datasheet(PDF) 1 Page - Intersil Corporation

Part # HC-5504B
Description  EIA/ITU PABX SLIC with 40mA Loop Feed
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC-5504B Datasheet(HTML) 1 Page - Intersil Corporation

  HC-5504B Datasheet HTML 1Page - Intersil Corporation HC-5504B Datasheet HTML 2Page - Intersil Corporation HC-5504B Datasheet HTML 3Page - Intersil Corporation HC-5504B Datasheet HTML 4Page - Intersil Corporation HC-5504B Datasheet HTML 5Page - Intersil Corporation HC-5504B Datasheet HTML 6Page - Intersil Corporation HC-5504B Datasheet HTML 7Page - Intersil Corporation HC-5504B Datasheet HTML 8Page - Intersil Corporation HC-5504B Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
51
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207 | Copyright © Intersil Corporation 1999
HC-5504B
EIA/ITU PABX SLIC with 40mA Loop Feed
The Intersil SLIC incorporates many of the BORSHT functions
on a single IC chip. This includes DC battery feed, a ring relay
driver, supervisory and hybrid functions. This device is
designed to maintain transmission performance in the
presence of externally induced longitudinal currents. Using
the unique Intersil dielectric isolation process, the SLIC can
operate directly with a wide range of station battery voltages.
The SLIC also provides selective denial of power. If the PBX
system becomes overloaded during an emergency, the SLIC
will provide system protection by denying power to selected
subscriber loops.
The Intersil SLIC is ideally suited for the design of new digital
PBX systems by eliminating bulky hybrid transformers.
Features
• Pin for Pin Replacement for the HC-5504
• Capable of 5V or 12V (VB+) Operation
• Monolithic Integrated Device
• DI High Voltage Process
• Compatible With Worldwide PBX Performance
Requirements
• Controlled Supply of Battery Feed Current for Short Loops
(41mA)
• Internal Ring Relay Driver
• Allows Interfacing With Negative Superimposed Ringing
Systems
• Low Power Consumption During Standby
• Switch Hook Ground Key and Ring Trip Detection
Functions
• Selective Denial of Power to Subscriber Loops
Applications
• Solid State Line Interface Circuit for Analog and
Digital PBX Systems
• Direct Inward Dial (DID) Trunks
• Voice Messaging PBXs
• Related Literature
- AN549, The HC-5502S/4X Telephone Subscriber Line
Interface Circuits (SLIC)
- AN571, Using Ring Sync with HC-5502A and HC-5504
SLICs
Ordering Information
PART
NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG. NO.
HC1-5504B-5
0 to 75
24 Ld CERDIP
F24.6
HC1-5504B-9
-40 to 85
24 Ld CERDIP
F24.6
HC3-5504B-5
0 to 75
24 Ld PDIP
E24.6
HC3-5504B-9
-40 to 85
24 Ld PDIP
E24.6
HC4P5504B-5
0 to 75
28 Ld PLCC
N28.45
HC4P5504B-9
-40 to 85
28 Ld PLCC
N28.45
HC9P5504B-5
0 to 75
24 Ld SOIC
M24.3
HC9P5504B-9
-40 to 85
24 Ld SOIC
M24.3
Pinouts
HC-5504B (PDIP, CERDIP, SOIC)
TOP VIEW
HC-5504B (PLCC)
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
TIP
RING
C3
DG
RS
TF
RF
BG
TX
C4
+IN
C2
AG
OUT
VB+
RX
-IN
RC
PD
GKD
SHD
RD
RFS
VB-
C3
DG
N/C
RS
RD
TF
RX
+IN
N/C
OUT
C2
RC
-IN
VB+
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
1
2
3
Data Sheet
July 1998
File Number
2886.5


Similar Part No. - HC-5504B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5504B INTERSIL-HC-5504B Datasheet
222Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
logo
Renesas Technology Corp
HC-5504B RENESAS-HC-5504B Datasheet
482Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
logo
Intersil Corporation
HC-5504B1 INTERSIL-HC-5504B1 Datasheet
84Kb / 9P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
February 1999
HC-5504B1 INTERSIL-HC-5504B1 Datasheet
558Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
logo
Renesas Technology Corp
HC-5504B1 RENESAS-HC-5504B1 Datasheet
578Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
More results

Similar Description - HC-5504B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5504B INTERSIL-HC-5504B_04 Datasheet
222Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
logo
Renesas Technology Corp
HC-5504B RENESAS-HC-5504B Datasheet
482Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
logo
Intersil Corporation
HC5504B INTERSIL-HC5504B Datasheet
224Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
HC-5502B INTERSIL-HC-5502B Datasheet
84Kb / 9P
   EIA/ITU PABX SLIC with 30mA Loop Feed
February 1999
logo
Renesas Technology Corp
HC-5502B RENESAS-HC-5502B Datasheet
636Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5504B1 INTERSIL-HC-5504B1_03 Datasheet
558Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
logo
Renesas Technology Corp
HC-5504B1 RENESAS-HC-5504B1 Datasheet
578Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5502B INTERSIL-HC-5502B_03 Datasheet
603Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
HC-5504B1 INTERSIL-HC-5504B1 Datasheet
84Kb / 9P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
February 1999
HC-5524 INTERSIL-HC-5524 Datasheet
87Kb / 9P
   EIA/ITU 24V PABX SLIC with 25mA Loop Feed
February 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com