Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA1-5340883 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HA1-5340883
Description  High Speed, Low Distortion, Precision Monolithic Sample and Hold Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA1-5340883 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HA1-5340883 Datasheet HTML 4Page - Intersil Corporation HA1-5340883 Datasheet HTML 5Page - Intersil Corporation HA1-5340883 Datasheet HTML 6Page - Intersil Corporation HA1-5340883 Datasheet HTML 7Page - Intersil Corporation HA1-5340883 Datasheet HTML 8Page - Intersil Corporation HA1-5340883 Datasheet HTML 9Page - Intersil Corporation HA1-5340883 Datasheet HTML 10Page - Intersil Corporation HA1-5340883 Datasheet HTML 11Page - Intersil Corporation HA1-5340883 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
DESIGN INFORMATION (Continued)
The information contained in this section has been developed through characterization by Intersil Semiconductor and is for use as applica-
tion and design information only. No guarantee is implied.
7-17
HA5340
Performance Curves V
S = ±15V, TA = +25
oC, Unless Otherwise Specified.
TACQ POS 0 TO +10 STEP
TACQ vs. ADDITIONAL CH
DROOP RATE vs. HOLD CAPACITOR SIZE
ACQUISITION TIME (0.01%) vs. HOLD CAPACITANCE
HOLD STEP ERROR vs. TRISE
CH = Internal; Temperature +25
oC
HOLD STEP ERROR vs. HOLD CAPACITANCE
TRISE = 5ns; Temperature = +25
oC
S/H
CONTROL
VOUT
S/H
CONTROL
VOUT
Spec Number
511117-883


Similar Part No. - HA1-5340883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA1-5320-2 INTERSIL-HA1-5320-2 Datasheet
85Kb / 7P
   1 Microsecond Precision Sample and Hold Amplifier
April 1999
HA1-5320-2 INTERSIL-HA1-5320-2 Datasheet
232Kb / 8P
   1 Microsecond Precision Sample and Hold Amplifier
HA1-5320-2 INTERSIL-HA1-5320-2 Datasheet
316Kb / 11P
   1 Microsecond Precision Sample and Hold Amplifier
August 11, 2015
logo
Renesas Technology Corp
HA1-5320-2 RENESAS-HA1-5320-2 Datasheet
541Kb / 11P
   1 Microsecond Precision Sample and Hold Amplifier
logo
Intersil Corporation
HA1-5320-5 INTERSIL-HA1-5320-5 Datasheet
85Kb / 7P
   1 Microsecond Precision Sample and Hold Amplifier
April 1999
More results

Similar Description - HA1-5340883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5340 INTERSIL-HA-5340 Datasheet
399Kb / 8P
   700ns, Low Distortion, Precision Sample and Hold Amplifier
September 1998
logo
Renesas Technology Corp
HA-5340 RENESAS-HA-5340 Datasheet
818Kb / 10P
   700ns, Low Distortion, Precision Sample and Hold Amplifier
June 2003
logo
Intersil Corporation
HA-5340 INTERSIL-HA-5340_03 Datasheet
710Kb / 10P
   700ns, Low Distortion, Precision Sample and Hold Amplifier
logo
Analog Devices
AD585 AD-AD585 Datasheet
339Kb / 6P
   High Speed, Precision Sample-and-Hold Amplifier
REV. A
AD585 AD-AD585_17 Datasheet
526Kb / 6P
   High speed, Precision Sample-and-hold Amplifier
logo
Intersil Corporation
HA5320 INTERSIL-HA5320 Datasheet
90Kb / 12P
   High Speed Precision Sample and Hold Amplifier
July 1994
logo
Analog Devices
AD585JP-REEL AD-AD585JP-REEL Datasheet
342Kb / 6P
   High Speed, Precision Sample-and-Hold Amplifier
REV. A
logo
Intersil Corporation
HA-5320883 INTERSIL-HA-5320883 Datasheet
309Kb / 11P
   High Speed Precision Sample and Hold Amplifier
logo
Analog Devices
AD585 AD-AD585_15 Datasheet
342Kb / 6P
   High Speed, Precision Sample-and-Hold Amplifier
REV. A
logo
Burr-Brown (TI)
SHC5320 BURR-BROWN-SHC5320 Datasheet
87Kb / 10P
   High-Speed, Bipolar, Monolithic SAMPLE/HOLD AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com