Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HA5340 Datasheet(PDF) 4 Page - Intersil Corporation

Part No. HA5340
Description  High Speed, Low Distortion, Precision Monolithic Sample and Hold Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

 
 4 page
background image
7-11
Specifications HA5340/883
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Hold Mode Feedthrough
VHMF
VIN = 20VP-P, 200kHz
1
+25oC
-
-70
dB
Sample Mode Noise
Voltage
En(SAMPLE)
DC to 10MHz, VS/H = 0V,
RLOAD = 2K
1
+25oC
-
335
µV
RMS
Hold Mode Noise
Voltage
En(HOLD)
DC to 10MHz, VS/H = 5V,
RLOAD = 2K
1
+25oC
-
100
µV
RMS
Input Capacitance
CIN
VS/H = 0V
1
+25oC-
5
pF
Input Resistance
RIN
VS/H = 0V, Delta VIN = 20V
1
+25oC1
-
M
0.1% Acquisition Time
TACQ 0.1%
CL = 60pF, RL = 2K, VOUT = 0V
to 10V Step
1
+25oC
-
600
ns
Total Harmonic
Distortion Hold Mode
THD200K(HOLD)
FS = 450kHz,
VIN = 20VP-P, 200kHz
1
+25oC
-
-50
dBc
THD500K(HOLD)
FS = 450kHz,
VIN = 5VP-P, 500kHz
1
+25oC
-
-47
dBc
Total Harmonic
Distortion Sample Mode
THD200K(SAMPLE)
VIN = 20VP-P, 200kHz
1
+25oC
-
-60
dBc
THD500K(SAMPLE)
VIN = 5VP-P, 500kHz
1
+25oC
-
-49
dBc
NOTE:
1. The parameters listed in this table are controlled via design or process parameters and are not directly tested. These parameters are
characterized upon initial design release and upon design changes which would affect these characteristics.
TABLE 4. ELECTRICAL TEST REQUIREMENTS
MIL-STD-883 TEST REQUIREMENTS
SUBGROUPS (SEE TABLES 1 AND 2)
Interim Electrical Parameters (Pre Burn-In)
-
Final Electrical Test Parameters
1(Note 1), 2, 3, 4, 5, 6
Group A Test Requirements
1, 2, 3, 4, 5, 6
Groups C and D Endpoints
1
NOTE:
1. PDA applies to Subgroup 1 only. No other subgroups are included in PDA.
CAUTION: These devices are sensitive to electronic discharge. Proper IC handling procedures should be followed.
Spec Number
511117-883




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HA-5320883High Speed Precision Sample and Hold Amplifier 1 2 3 4 5 MoreIntersil Corporation
HA5320High Speed Precision Sample and Hold Amplifier 1 2 3 4 5 MoreIntersil Corporation
HA-5340700ns Low Distortion Precision Sample and Hold Amplifier 1 2 3 4 5 MoreIntersil Corporation
LH0053HIGH SPEED SAMPLE AND HOLD AMPLIFIER 1 2 3 4 5 MoreNational Semiconductor (TI)
2SD1591Audio Frequency Power Amplifier and Low Speed High Current Switching Industrial Use 1 List of Unclassifed Manufacturers
SHA1144HIGH RESOLUTION 14 BIT SAMPLE AND HOLD AMPLIFIER 1 2 3 4 5 MoreAnalog Devices
HV25732 CHANNEL HIGH VOLTAGE SAMPLE AND HOLD AMPLIFIER ARRAY 1 2 3 4 5 MoreSupertex, Inc
HA5351883Fast Acquisition Low Power Sample and Hold Amplifier 1 Intersil Corporation
SHC804High Speed SAMPLE/HOLD AMPLIFIER 1 2 3 4 5 Burr-Brown (TI)
HA-53201 Microsecond Precision Sample and Hold Amplifier 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl