Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BCW69-3 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part No. BCW69-3
Description  PNP Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Homepage  http://www.kexin.com.cn/index.asp
Logo 

BCW69-3 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
PNP Transistors
BCW69~BCW70 (KCW69~KCW70)
Features
Low current (max. 100 mA)
Low voltage (max. 45 V).
NPN complements: BCW71 and BCW72.
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-50
Collector - Emitter Voltage
VCEO
-45
Emitter - Base Voltage
VEBO
-5
Collector Current - Continuous
IC
-100
Peak Collector Current
ICM
-200
Peak Base Current
IBM
-200
Collector Power Dissipation
PC
250
mW
Thermal Resistance From Junction to Ambient (Note.1)
Rth(j-a)
500
K/W
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
mA
Note.1: Transistor mounted on an FR4 printed-circuit board.
0.4 +0.1
-0.1
2.9 +0.2
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.2
1
2
3
Unit: mm
SOT-23-3
1. Base
2. Emitter
3. Collector
0.15 +0.02
-0.02


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn