Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA5013IP Datasheet(PDF) 7 Page - Intersil Corporation

Part # HA5013IP
Description  Triple, 125MHz Video Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5013IP Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HA5013IP Datasheet HTML 3Page - Intersil Corporation HA5013IP Datasheet HTML 4Page - Intersil Corporation HA5013IP Datasheet HTML 5Page - Intersil Corporation HA5013IP Datasheet HTML 6Page - Intersil Corporation HA5013IP Datasheet HTML 7Page - Intersil Corporation HA5013IP Datasheet HTML 8Page - Intersil Corporation HA5013IP Datasheet HTML 9Page - Intersil Corporation HA5013IP Datasheet HTML 10Page - Intersil Corporation HA5013IP Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Application Information
Optimum Feedback Resistor
The plots of inverting and non-inverting frequency response,
see Figure 8 and Figure 9 in the typical performance section,
illustrate the performance of the HA5013 in various closed loop
gain configurations. Although the bandwidth dependency on
closed loop gain isn’t as severe as that of a voltage feedback
amplifier, there can be an appreciable decrease in bandwidth at
higher gains. This decrease may be minimized by taking
advantage of the current feedback amplifier’s unique
relationship between bandwidth and RF. All current feedback
amplifiers require a feedback resistor, even for unity gain
applications, and RF, in conjunction with the internal
compensation capacitor, sets the dominant pole of the
frequency response. Thus, the amplifier’s bandwidth is
inversely proportional to RF. The HA5013 design is optimized
for a 1000
Ω RF at a gain of +1. Decreasing RF in a unity gain
application decreases stability, resulting in excessive peaking
and overshoot. At higher gains the amplifier is more stable, so
RF can be decreased in a trade-off of stability for bandwidth.
The table below lists recommended RF values for various
gains, and the expected bandwidth.
PC Board Layout
The frequency response of this amplifier depends greatly on
the amount of care taken in designing the PC board. The
use of low inductance components such as chip resistors
and chip capacitors is strongly recommended. If leaded
components are used the leads must be kept short
especially for the power supply decoupling components and
those components connected to the inverting input.
Attention must be given to decoupling the power supplies. A
large value (10
µF) tantalum or electrolytic capacitor in
parallel with a small value (0.1
µF) chip capacitor works well
in most cases.
A ground plane is strongly recommended to control noise.
Care must also be taken to minimize the capacitance to
ground seen by the amplifier’s inverting input (-IN). The
larger this capacitance, the worse the gain peaking, resulting
in pulse overshoot and possible instability. It is
recommended that the ground plane be removed under
traces connected to -IN, and that connections to -IN be kept
as short as possible to minimize the capacitance from this
node to ground.
Driving Capacitive Loads
Capacitive loads will degrade the amplifier’s phase margin
resulting in frequency response peaking and possible
oscillations. In most cases the oscillation can be avoided by
placing an isolation resistor (R) in series with the output as
shown in Figure 6.
The selection criteria for the isolation resistor is highly
dependent on the load, but 27
Ω has been determined to be
a good starting value.
Power Dissipation Considerations
Due to the high supply current inherent in triple amplifiers,
care must be taken to insure that the maximum junction
temperature (TJ, see Absolute Maximum Ratings) is not
exceeded. Figure 7 shows the maximum ambient
temperature versus supply voltage for the available package
styles (PDIP, SOIC). At VS = ±5V quiescent operation both
package styles may be operated over the full industrial range
of -40oC to 85oC. It is recommended that thermal
calculations, which take into account output power, be
performed by the designer.
GAIN
(ACL)RF (Ω)
BANDWIDTH
(MHz)
-1
750
100
+1
1000
125
+2
68f1
95
+5
1000
52
+10
383
65
-10
750
22
VIN
VOUT
CL
RT
+
-
RI
RF
R
FIGURE 6. PLACEMENT OF THE OUTPUT ISOLATION
RESISTOR, R
100
5
7
9
11
13
15
130
120
110
100
90
80
70
60
50
40
30
20
10
SUPPLY VOLTAGE (
±V)
PDIP
SOIC
FIGURE 7. MAXIMUM OPERATING AMBIENT TEMPERATURE
vs SUPPLY VOLTAGE
HA5013


Similar Part No. - HA5013IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5013IP INTERSIL-HA5013IP Datasheet
372Kb / 14P
   Triple, 125MHz Video Amplifier
logo
Renesas Technology Corp
HA5013IP RENESAS-HA5013IP Datasheet
380Kb / 14P
   PC Add-On Multimedia Boards
November 2004
More results

Similar Description - HA5013IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5013 INTERSIL-HA5013_04 Datasheet
372Kb / 14P
   Triple, 125MHz Video Amplifier
logo
Renesas Technology Corp
HA5023 RENESAS-HA5023 Datasheet
806Kb / 17P
   Dual 125MHz Video CurrentFeedback Amplifier
logo
Intersil Corporation
HA5023IPZ INTERSIL-HA5023IPZ Datasheet
435Kb / 17P
   Dual 125MHz Video Current Feedback Amplifier
September 30, 2015
HA5023 INTERSIL-HA5023 Datasheet
136Kb / 14P
   Dual 125MHz Video Current Feedback Amplifier
September 1998
HA5025 INTERSIL-HA5025 Datasheet
150Kb / 13P
   Quad, 125MHz Video Current Feedback Amplifier
September 1998
HA5023 INTERSIL-HA5023_06 Datasheet
360Kb / 16P
   Dual 125MHz Video Current Feedback Amplifier
HA5025 INTERSIL-HA5025_03 Datasheet
336Kb / 15P
   Quad, 125MHz Video Current Feedback Amplifier
logo
Renesas Technology Corp
HA5025 RENESAS-HA5025 Datasheet
846Kb / 15P
   Quad, 125MHz Video Current Feedback Amplifier
May 2003
logo
Intersil Corporation
HA5023883 INTERSIL-HA5023883 Datasheet
813Kb / 19P
   Dual 125MHz Video Current Feedback Amplifier
logo
Fairchild Semiconductor
RC6333 FAIRCHILD-RC6333 Datasheet
39Kb / 8P
   Triple Video Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com