Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC807A-25 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BC807A-25
Description  PNP Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BC807A-25 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BC807A-25 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BC807A-25 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
SMD Type
Transistors
1
Features
For general AF applications.
High collector current.
High current gain.
Low collector-emitter saturation voltage.
www.kexin.com.cn
Absolute Maximum Ratings Ta = 25
ti
n
U
g
n
it
a
R
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
V
e
g
a
tl
o
v
e
s
a
b
-
r
o
t
c
e
ll
o
C
CBO
-50
V
V
e
g
a
tl
o
v
r
e
tt
i
m
e
-
r
o
t
c
e
ll
o
C
CEO
-45
V
V
e
g
a
tl
o
v
e
s
a
b
-r
e
tt
i
m
E
EBO
-5
V
I
)
C
D
(
t
n
e
r
r
u
c
r
o
t
c
e
ll
o
C
C
-500
mA
I
t
n
e
rr
u
c
r
o
t
c
e
ll
o
c
k
a
e
P
CM
-1
A
I
t
n
e
rr
u
c
e
s
a
B
B
-100
mA
P
n
o
it
a
p
i
s
s
i
d
r
e
w
o
p
D
310
mW
T
e
r
u
t
a
r
e
p
m
e
t
n
o
it
c
n
u
J
j
150
T
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
stg
-65 to +150
PNP Transistors
BC807A (KC807A)
Electrical Characteristics Ta = 25
Symbol
Testconditions
Min
Typ
Max
Unit
VCBO
IC = -100 A, IE = 0
-50
V
VCEO
IC = -10 mA, IB
V
5
4
-
0
=
VEBO
IE = -100 A, IC = 0
-5
V
VCB = -25 V, IE
A
n
0
0
1
-
0
=
VCB = -25 V, IE = 0 , TA = 150
-50
A
IEBO
VEB = -4 V, IC
A
n
0
0
1
-
0
=
0
5
2
0
6
1
0
0
1
6
1
-
A
7
0
8
C
B
0
0
4
0
5
2
0
6
1
5
2
-
A
7
0
8
C
B
0
3
6
0
5
3
0
5
2
0
4
-
A
7
0
8
C
B
VCE(sat) IC = -500 mA, IB
V
7
.
0
-
A
m
0
5
-
=
VBE(sat) IC = -500 mA, IB
V
2
.
1
-
A
m
0
5
-
=
CCb
VCB
F
p
0
1
z
H
M
1
=
f
,
V
0
1
-
=
Ceb
VEB
F
p
0
6
z
H
M
1
=
f
,
V
5
.
0
-
=
fT
IC = -50 mA, VCE = -5 V, f = 100 MHz
200
MHz
* Pulsed: PW
350 us, duty cycle
2%
Base to emitter voltage *
Collector cutoff current
Collector-base capacitance
Transition frequency
Emitter-base capacitance
Collector saturation voltage *
IC = -100 mA, VCE = -1 V
Parameter
Emitter cutoff current
DC current gain *
Emitter-to-base breakdown voltage
hFE
ICBO
Collector-to-base breakdown voltage
Collector-to-emitter breakdown voltage
Complementary NPN type available(BC817A)
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1.Base
2.Emitter
3.collector
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01
Type
BC807A-16
BC807A-25
BC807A-40
Range
100-250
160-400
250-630
Marking
5A
5B
5C
Classification of hfe


Similar Part No. - BC807A-25

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BC807A KEXIN-BC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
logo
KEC(Korea Electronics)
BC807A KEC-BC807A Datasheet
40Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
BC807A KEC-BC807A Datasheet
370Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

Similar Description - BC807A-25

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com