Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC1652G Datasheet(PDF) 2 Page - NEC

Part No. UPC1652G
Description  SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT WIDE BAND AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC1652G Datasheet(HTML) 2 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet P12443EJ5V0DS00
2
µµµµPC1652G
TYPICAL CHARACTERISTICS (TA = +25
°°°°C)
CIRCUIT CURRENT vs. SUPPLY VOLTAGE
VCC-Supply Voltage-V
12
34
5
6
0
10
20
INPUT POWER vs. OUTPUT POWER
Pin-Input Power-dBm
−20
−15
−10
−5
0
+5
VCC = 5 V
f = 500 MHz
INPUT AND OUTPUT RETURN LOSS
vs. FREQUENCY
NOISE FIGURE AND POWER GAIN
vs. FREQUENCY
f-Frequency-MHz
50
100
200
500
1000
2000
−40
−30
−20
−10
0
VCC =
5 V
|S11|
|S12|
f-Frequency-MHz
50
100
200
500
1000
2000
5
0
10
15
20
25
2
0
4
6
8
10
VCC =
5 V
GP
NF
ISOLATION vs. FREQUENCY
f-Frequency-MHz
50
100
200
500
1000
2000
−40
−30
−20
−10
0
VCC =
5 V


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn