Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

EP9590-X Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part No. EP9590-X
Description  14 Pin DIL 5 Tap Low Profile TTL Compatible MIL 883 Active Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PCA [PCA ELECTRONICS INC.]
Homepage  http://www.pca.com
Logo 

EP9590-X Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S
I N C .
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
14 Pin DIL 5 Tap Low Profile
TTL Compatible MIL 883 Active Delay Lines
EP9590 10/92
Package Dimensions
VCC
Supply Voltage
4.5
5.5
V
VIH
High-Level Input Voltage
2.0
V
VIL
Low-Level Input Voltage
0.8
V
IIK
Input Clamp Current
-18
mA
IOH
High-Level Output Current
-1.0
mA
IOL
Low-Level Output Current
20
mA
PW*
Pulse Width of Total Delay
40
%
d*
Duty Cycle
40
%
TA
Operating Free-Air Temperature
-55
+125
°C
VOH
High-Level Output Voltage
VCC= min. VIL= max. IOH = max 2.7
V
VOL
Low-Level Output Voltage
VCC= min. VIH = min. IOL= max
0.5
V
VIK
Input Clamp Voltage
VCC= min. II = IIK
-1.2
V
IIH
High-Level Input Current
VCC= max. VIN = 2.7V
50
µA
VCC= max. VIN = 5.25V
1.0
mA
IIL
Low-Level Input Current
VCC= max. VIN = 0.5V
-2
mA
IOS
Short Circuit Output Current
VCC= max. VOUT = 0.
-40
-100
mA
(One output at a time)
ICCH High-Level Supply Current
VCC= max. VIN = OPEN
75
mA
ICCL
Low-Level Supply Current
VCC= max. VIN = 0
75
mA
TRO
Output Rise Time
Td
≤ 500 nS (0.75 to 2.4 Volts)
4
nS
NH
Fanout High-Level Output
VCC= max. VOH = 2.7V
20 TTL LOAD
NL
Fanout Low-Level Output
VCC= max. VOL = 0.5V
10 TTL LOAD
DC Electrical Characteristics
Parameter
Test Conditions
Min
Max Unit
Recommended
Operating Conditions
Min
Max
Unit
EIN
Pulse Input Voltage
3.2
Volts
PW
Pulse Width % of Total Delay
110
%
TRI
Pulse Rise Time (0.75 - 2.4 Volts)
2.0
nS
PRR
Pulse Repetition Rate @ Td
≤ 200 nS
1.0
MHz
Pulse Repetition Rate @ Td > 200 nS
100
KHz
VCC
Supply Voltage
5.0
Volts
Input Pulse Test Conditions @ 25° C
Unit
*These two values are inter-dependent.
Schematic
TAP DELAYS
TOTAL DELAYS
PART
±5% or ±2 nS
±5% or ±2 nS
NUMBER
5, 10, 15, 20
25
EP9590-25
6, 12, 18, 24
30
EP9590-30
7, 14, 21, 28
35
EP9590-35
8, 16, 24, 32
40
EP9590-40
9, 18, 27, 36
45
EP9590-45
10, 20, 30, 40
50
EP9590-50
12, 24, 36, 48
60
EP9590-60
15, 30, 45, 60
75
EP9590-75
20, 40, 60, 80
100
EP9590-100
25, 50, 75, 100
125
EP9590-125
30, 60, 90, 120
150
EP9590-150
35, 70, 105, 140
175
EP9590-175
TAP DELAYS
TOTAL DELAYS
PART
±5% or ±2 nS
±5% or ±2 nS
NUMBER
40, 80, 120, 160
200
EP9590-200
45, 90, 135, 180
225
EP9590-225
50, 100, 150, 200
250
EP9590-250
60, 120, 180, 240
300
EP9590-300
70, 140, 210, 280
250
EP9590-280
80, 160, 240, 320
400
EP9590-400
84, 168, 252, 336
420
EP9590-420
88, 176, 264, 352
440
EP9590-440
90, 180, 270, 360
450
EP9590-450
94, 188, 282, 376
470
EP9590-470
100, 200, 300, 400
500
EP9590-500
Delay Times referenced from input to leading edges at 25°C, 5.0V, with no load.
.300
.800 Max.
.400
Max.
PCA
EP9590-25
Date Code
.150 Typ.
.015
.200
Max.
.018 x .010
White Dot
Pin#1
.100
12
4
10
6
8
1
7
OUTPUT
GROUND
INPUT
14
VCC


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn