Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA1-2557883 Datasheet(PDF) 11 Page - Intersil Corporation

Part # HA1-2557883
Description  Wideband Four Quadrant Analog Multiplier (Current Output)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA1-2557883 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HA1-2557883 Datasheet HTML 6Page - Intersil Corporation HA1-2557883 Datasheet HTML 7Page - Intersil Corporation HA1-2557883 Datasheet HTML 8Page - Intersil Corporation HA1-2557883 Datasheet HTML 9Page - Intersil Corporation HA1-2557883 Datasheet HTML 10Page - Intersil Corporation HA1-2557883 Datasheet HTML 11Page - Intersil Corporation HA1-2557883 Datasheet HTML 12Page - Intersil Corporation HA1-2557883 Datasheet HTML 13Page - Intersil Corporation HA1-2557883 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DESIGN INFORMATION (Continued)
The information contained in this section has been developed through characterization by Intersil Semiconductor and is for use as
application and design information only. No guarantee is implied.
8-22
HA2557
FIGURE 5. FREQUENCY DOUBLER
Although the X and Y inputs have similar AC characteristics,
they are not the same. The designer should consider input
parameters such as small signal bandwidth and ac
feedthrough to get the most performance from the HA-2557.
The Y channel is the faster of the two inputs with a small sig-
nal bandwidth of typically 130MHz verses 75MHz for the X
channel. Therefore in AM Signal Generation, the best perfor-
mance will be obtained with the Carrier applied to the Y
channel and the modulation signal (lower frequency) applied
to the X channel.
Operation Over a Wide Supply Range
The HA-2557 is able to operate over a wide supply voltage
range
±5V to ±17.5V. The ±5V range is particularly useful in
video applications. At
±5V the input voltage range is reduced
to
±1.4V limiting the fullscale output current. Another current
output option is the HA-2556 voltage output multiplier config-
ured for current output with an output sensing resistor (Refer
to the HA-2556 datasheet).
Automatic Gain Control
Figure 6 shows the HA-2557 configured in an Automatic
Gain Control or AGC application. The HA-2842 serves as an
output I to V converter using RZ which is trimmed to provide
an accurate 4V Fullscale conversion. Refer to Voltage
Output Conversion for more details about this function. The
HA-5127 low noise amplifier provides the gain control signal
to the X input. This control signal sets the peak output volt-
age of the multiplier to match the preset reference level. The
feedback network around the HA-5127 provides a response
time adjustment. High frequency changes in the peak are
rejected as noise or the desired signal to be transmitted.
These signals do not indicate a change in the average peak
value and therefore no gain adjustment is needed. Lower
frequency changes in the peak value are given a gain of -1
for feedback to the control input. At DC the circuit is an inte-
grator automatically compensating for offset and other con-
stant error terms.
1/10KV
X
Y
IOUT
VX+
VX-
VY+
VY-
ACOS(
ωτ)
ACos
ωτ
() ACos ωτ
()
×
()
10kV
Ω I
OUT
()
=
I
OUT
A
2
20K
-------- 1Cos 2
ωτ
()
+
()
=
RZ
WHICH EVALUATES TO:
+
-
+
-
X
FIGURE 6. AUTOMATIC GAIN CONTROL
This multiplier has the advantage over other AGC circuits, in
that the signal bandwidth is not affected by the control signal
gain adjustment.
Voltage Output Conversion
The HA-2842 is an excellent choice to perform the output
current to voltage conversion as shown in Figure 7. The
combination of 400V/
µs slew rate and 80MHz Gain Band-
width product will maintain signal dynamics while providing a
full scale
±4V output. The HA-2842 also provides a hefty out-
put drive capability of 100mA.
This voltage feedback amplifier takes advantage of the inter-
nal RZ resistor, trimmed to provide an accurate 4V fullscale
conversion. The parasitic capacitance at the negative input
of the HA-2842 must be compensated with a 3pF capacitor
from pin 2 to pin 6. This compensation will also insure that
the amp will see a noise gain of 2 at its crossover frequency,
the minimum required for stability with this device. The full
power bandwidth curve and large signal pulse response for
this circuit are shown in Typical Performance Curves. The
fast slew rate of the HA-2842 results in a minimal reduction
of bandwidth for large signals.
5k
10k
HA-5127
0.01
µF
10k
0.1
µF
1N914
5.6V
0.1
µF
+15V
20k
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
+15V
VOUT
NC
NC
NC
-15V
NC
VY
VX
REF
NC
NC
NC
X
0.01
µ
1.0
µ
3pF
IOUT
1.0
µ
0.01
µ
2.5K
RZ
+
-
HA-2842
+
-
Y
X
Spec Number
511064-883


Similar Part No. - HA1-2557883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA1-2556-9 INTERSIL-HA1-2556-9 Datasheet
244Kb / 15P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
September 1998
HA1-2556-9 INTERSIL-HA1-2556-9 Datasheet
604Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
HA1-2556/883 INTERSIL-HA1-2556/883 Datasheet
205Kb / 20P
   Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA1-2556883 INTERSIL-HA1-2556883 Datasheet
205Kb / 20P
   Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
More results

Similar Description - HA1-2557883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA2556 INTERSIL-HA2556 Datasheet
205Kb / 20P
   Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA-2556 INTERSIL-HA-2556 Datasheet
244Kb / 15P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
September 1998
logo
Renesas Technology Corp
HA-2556 RENESAS-HA-2556 Datasheet
1,000Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
logo
Intersil Corporation
HA9P2556-9Z INTERSIL-HA9P2556-9Z Datasheet
564Kb / 18P
   57MHz, Wideband, Four Quadrant,Voltage Output Analog Multiplier
April 25, 2013
HA-2556 INTERSIL-HA-2556_08 Datasheet
604Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
HA-2557 INTERSIL-HA-2557 Datasheet
576Kb / 10P
   130MHz, Four Quadrant, Current Output Analog Multiplier
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
Motorola, Inc
MC1495 MOTOROLA-MC1495 Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
logo
Intersil Corporation
HA2546 INTERSIL-HA2546 Datasheet
534Kb / 19P
   Wideband Two Quadrant Analog Multiplier (Voltage Output)
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com