Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA1-2556883 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HA1-2556883
Description  Wideband Four Quadrant Analog Multiplier (Voltage Output)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA1-2556883 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HA1-2556883 Datasheet HTML 5Page - Intersil Corporation HA1-2556883 Datasheet HTML 6Page - Intersil Corporation HA1-2556883 Datasheet HTML 7Page - Intersil Corporation HA1-2556883 Datasheet HTML 8Page - Intersil Corporation HA1-2556883 Datasheet HTML 9Page - Intersil Corporation HA1-2556883 Datasheet HTML 10Page - Intersil Corporation HA1-2556883 Datasheet HTML 11Page - Intersil Corporation HA1-2556883 Datasheet HTML 12Page - Intersil Corporation HA1-2556883 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
DESIGN INFORMATION (Continued)
The information contained in this section has been developed through characterization by Intersil Semiconductor and is for use as
application and design information only. No guarantee is implied.
8-15
HA2556
X CHANNEL FULL POWER BANDWIDTH
X CHANNEL FULL POWER BANDWIDTH
Y CHANNEL BANDWIDTH vs X CHANNEL
X CHANNEL BANDWIDTH vs Y CHANNEL
Y CHANNEL CMRR vs FREQUENCY
X CHANNEL CMRR vs FREQUENCY
Typical Performance Curves (Continued)
1M
10M
100K
10K
FREQUENCY (Hz)
2
0
-2
-1
-3
3
4
1
-4
X CHANNEL = 10VP-P
Y CHANNEL = 5VDC
X CHANNEL = 4VP-P
Y CHANNEL = 5VDC
2
0
-2
-1
-3
3
4
1
-4
1M
10M
100K
10K
FREQUENCY (Hz)
10M
100M
1M
FREQUENCY (Hz)
10K
100K
0
-12
-6
-18
-24
VX = 0.5VDC
VX = 2VDC
VX = 5VDC
VY = 200mVP-P
0
-12
-6
-18
-24
10M
100M
1M
FREQUENCY (Hz)
10K
100K
VX = 200mVP-P
VY = 0.5VDC
VY = 2VDC
VY = 5VDC
1M
100M
100K
10K
FREQUENCY (Hz)
-30
-50
-70
-60
-80
-20
-10
-40
10M
5MHz
-38.8dB
0
VY+, VY- = 200mVRMS
VX = 5VDC
5MHz
-26.2dB
-30
-50
-70
-60
-80
-20
-10
-40
0
1M
100M
100K
10K
FREQUENCY (Hz)
10M
VX+, VX- = 200mVRMS
VY = 5VDC
Spec Number
511063-883


Similar Part No. - HA1-2556883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA1-2556-9 INTERSIL-HA1-2556-9 Datasheet
244Kb / 15P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
September 1998
HA1-2556-9 INTERSIL-HA1-2556-9 Datasheet
604Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
More results

Similar Description - HA1-2556883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2556 INTERSIL-HA-2556 Datasheet
244Kb / 15P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
September 1998
logo
Renesas Technology Corp
HA-2556 RENESAS-HA-2556 Datasheet
1,000Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
logo
Intersil Corporation
HA9P2556-9Z INTERSIL-HA9P2556-9Z Datasheet
564Kb / 18P
   57MHz, Wideband, Four Quadrant,Voltage Output Analog Multiplier
April 25, 2013
HA-2556 INTERSIL-HA-2556_08 Datasheet
604Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
HA2557 INTERSIL-HA2557 Datasheet
430Kb / 14P
   Wideband Four Quadrant Analog Multiplier (Current Output)
July 1994
HA2546 INTERSIL-HA2546 Datasheet
534Kb / 19P
   Wideband Two Quadrant Analog Multiplier (Voltage Output)
July 1994
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
Motorola, Inc
MC1495 MOTOROLA-MC1495 Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
logo
Intersil Corporation
HA-2557 INTERSIL-HA-2557 Datasheet
576Kb / 10P
   130MHz, Four Quadrant, Current Output Analog Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com