Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA1-2546883 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA1-2546883
Description  Wideband Two Quadrant Analog Multiplier (Voltage Output)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA1-2546883 Datasheet(HTML) 1 Page - Intersil Corporation

  HA1-2546883 Datasheet HTML 1Page - Intersil Corporation HA1-2546883 Datasheet HTML 2Page - Intersil Corporation HA1-2546883 Datasheet HTML 3Page - Intersil Corporation HA1-2546883 Datasheet HTML 4Page - Intersil Corporation HA1-2546883 Datasheet HTML 5Page - Intersil Corporation HA1-2546883 Datasheet HTML 6Page - Intersil Corporation HA1-2546883 Datasheet HTML 7Page - Intersil Corporation HA1-2546883 Datasheet HTML 8Page - Intersil Corporation HA1-2546883 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
8-3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
HA2546/883
Wideband Two Quadrant Analog
Multiplier (Voltage Output)
Description
The HA-2546/883 is a monolithic, high speed, two quadrant,
analog multiplier constructed in the Intersil Dielectrically Iso-
lated High Frequency Process. The HA-2546/883 has a volt-
age output with a 30MHz signal bandwidth, 300V/
µs slew
rate and a 17MHz control input bandwidth. High bandwidth
and slew rate make this part an ideal component for use in
video systems. The suitability for precision video applica-
tions is demonstrated further by the 0.1dB gain flatness at
5MHz, 1.6% multiplication error, -52dB feedthrough and dif-
ferential inputs with 1.2
µA bias currents. The HA-2546/883
also has low differential gain (0.1% typ.) and phase (0.1o
typ.) errors.
The HA-2546/883 is well suited for AGC circuits as well as
mixer applications for sonar, radar, and medical imaging
equipment. The voltage output of the HA-2546/883 simplifies
many designs by eliminating the current-to-voltage conver-
sion stage required for current output multipliers.
Ordering Information
PART NUMBER
TEMPERATURE
RANGE
PACKAGE
HA1-2546/883
-55oC to +125oC
16 Lead CerDIP
HA4-2546/883
-55oC to +125oC
20 Lead Ceramic LCC
Features
• This Circuit is Processed in Accordance to MIL-STD-
883 and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• High Speed Voltage Output. . . . . . . . . . . 300V/
µs (Min)
• Low Multiplication Error . . . . . . . . . . . . . . . .3.0% (Max)
1.6% (Typ)
• Input Bias Currents . . . . . . . . . . . . . . . . . . . . 5
µA (Max)
1.2
µA (Typ)
• Signal Input Feedthrough . . . . . . . . . . . . . . -52dB (Typ)
• Wide Signal Bandwidth . . . . . . . . . . . . . . . 30MHz (Typ)
• Wide Control Bandwidth . . . . . . . . . . . . . . 17MHz (Typ)
• Gain Flatness to 5MHz. . . . . . . . . . . . . . . . 0.10dB (Typ)
Applications
• Military Avionics
• Missile Guidance Systems
• Medical Imaging Displays
• Video Mixers
• Sonar AGC Processors
• Radar Signal Conditioning
• Voltage Controlled Amplifier
• Vector Generator
July 1994
Pinouts
HA-2546/883
(CERDIP)
TOP VIEW
HA-2546/883
(CLCC)
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
GND
VREF
VYIOB
VYIOA
VY+
VY-
VOUT
V-
GA A
GA B
VX+
VX-
V+
VZ-
VZ+
GA C
Σ
+ -
REF
Y
X
Z
-
+
-
+
-
+
VYIOB
VYIOA
NC
VY+
VY-
GA B
VX+
NC
VX-
V+
4
5
6
7
8
10
11
12
13
9
32
1
20
19
16
17
18
15
14
Spec Number
511050-883
File Number
2444.1


Similar Part No. - HA1-2546883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA1-2546-5 INTERSIL-HA1-2546-5 Datasheet
641Kb / 14P
   30MHz, Voltage Output, Two Quadrant Analog Multiplier
September 1998
More results

Similar Description - HA1-2546883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA2556 INTERSIL-HA2556 Datasheet
205Kb / 20P
   Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA-2546 INTERSIL-HA-2546_04 Datasheet
827Kb / 16P
   30MHz, Voltage Output, Two Quadrant Analog Multiplier
HA-2546 INTERSIL-HA-2546 Datasheet
641Kb / 14P
   30MHz, Voltage Output, Two Quadrant Analog Multiplier
September 1998
logo
Renesas Technology Corp
HA-2546 RENESAS-HA-2546 Datasheet
835Kb / 16P
   30MHz, Voltage Output, Two Quadrant Analog Multiplier
November 19, 2004
logo
Intersil Corporation
HA-2556 INTERSIL-HA-2556 Datasheet
244Kb / 15P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
September 1998
logo
Renesas Technology Corp
HA-2556 RENESAS-HA-2556 Datasheet
1,000Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
logo
Intersil Corporation
HA9P2556-9Z INTERSIL-HA9P2556-9Z Datasheet
564Kb / 18P
   57MHz, Wideband, Four Quadrant,Voltage Output Analog Multiplier
April 25, 2013
HA-2556 INTERSIL-HA-2556_08 Datasheet
604Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
HA2557 INTERSIL-HA2557 Datasheet
430Kb / 14P
   Wideband Four Quadrant Analog Multiplier (Current Output)
July 1994
HA-2547 INTERSIL-HA-2547 Datasheet
836Kb / 8P
   100MHz, Two Quadrant, Current Output, Analog Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com