Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8662 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8662
Description  Low Noise, Precision 16 V CMOS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8662 Datasheet(HTML) 2 Page - Analog Devices

  AD8662_15 Datasheet HTML 1Page - Analog Devices AD8662_15 Datasheet HTML 2Page - Analog Devices AD8662_15 Datasheet HTML 3Page - Analog Devices AD8662_15 Datasheet HTML 4Page - Analog Devices AD8662_15 Datasheet HTML 5Page - Analog Devices AD8662_15 Datasheet HTML 6Page - Analog Devices AD8662_15 Datasheet HTML 7Page - Analog Devices AD8662_15 Datasheet HTML 8Page - Analog Devices AD8662_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD8661/AD8662/AD8664
Rev. D | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Pin Configurations ........................................................................... 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
AD8661/AD8662/AD8664 Electrical Characteristics—
SOIC_N, MSOP, and TSSOP ...................................................... 3
AD8661/AD8662/AD8664 Electrical Characteristics—
SOIC_N, MSOP, and TSSOP ...................................................... 4
AD8661 Electrical Characteristics—LFCSP_VD Only............5
AD8661 Electrical Characteristics—LFCSP_VD Only............6
Absolute Maximum Ratings ............................................................7
Thermal Resistance .......................................................................7
ESD Caution...................................................................................7
Typical Performance Characteristics ..............................................8
Outline Dimensions ....................................................................... 13
Ordering Guide .......................................................................... 15
REVISION HISTORY
7/06—Rev. C to Rev. D
Added AD8664 ...................................................................Universal
Added 14-Lead SOIC_N and 14-Lead TSSOP ...............Universal
Changes to Features.......................................................................... 1
Changes to Table 1............................................................................ 3
Changes to Table 2............................................................................ 4
Changes to Table 3............................................................................ 5
Changes to Table 4............................................................................ 6
Changes to Table 5 and Table 6....................................................... 7
Changes to Figure 29...................................................................... 11
Updated Outline Dimensions ....................................................... 13
Changes to Ordering Guide .......................................................... 1
5
5/06—Rev. B to Rev. C
Changes to Ordering Guide .......................................................... 13
3/06—Rev. A to Rev. B
Added AD8662 ...................................................................Universal
Added MSOP ......................................................................Universal
Changes to Table 1.............................................................................3
Changes to Table 2.............................................................................4
Changes to Table 3.............................................................................5
Changes to Table 4.............................................................................6
Changes to Table 5.............................................................................7
Updated Outline Dimensions....................................................... 13
Changes to Ordering Guide .......................................................... 13
1/06—Rev. 0 to Rev. A
Added LFCSP_VD .............................................................Universal
Changes to Table 1.............................................................................3
Changes to Table 2.............................................................................4
Changes to Ordering Guide .......................................................... 13
9/05—Revision 0: Initial Version


Similar Part No. - AD8662_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8662ARMZ AD-AD8662ARMZ Datasheet
184Kb / 5P
   16V Low Cost, High Performance CMOS Rail-to-Rail Operational Amplifiers
REV. PrA 10/5/2004
AD8662ARMZ AD-AD8662ARMZ Datasheet
570Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
AD8662ARMZ-R2 AD-AD8662ARMZ-R2 Datasheet
613Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
AD8662ARMZ-REEL AD-AD8662ARMZ-REEL Datasheet
613Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
AD8662ARMZ-REEL AD-AD8662ARMZ-REEL Datasheet
570Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
More results

Similar Description - AD8662_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8661 AD-AD8661_15 Datasheet
620Kb / 16P
   Low Noise, Precision 16 V CMOS
REV. D
AD8669 AD-AD8669_15 Datasheet
2Mb / 5P
   Low Noise, Precision, 16 V, CMOS
Rev. PrA
AD8667ARMZ AD-AD8667ARMZ Datasheet
638Kb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8663 AD-AD8663_07 Datasheet
825Kb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Rev. A
AD8663 AD-AD8663_08 Datasheet
1Mb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8663 AD-AD8663_16 Datasheet
657Kb / 15P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
AD8661 AD-AD8661_16 Datasheet
570Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
AD8661 AD-AD8661_06 Datasheet
613Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
AD8609 AD-AD8609_15 Datasheet
448Kb / 16P
   Precision Micropower, Low Noise CMOS
REV. C
AD8655 AD-AD8655_13 Datasheet
357Kb / 20P
   Low Noise, Precision CMOS Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com