Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA1-5320-2 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HA1-5320-2
Description  1 Microsecond Precision Sample and Hold Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA1-5320-2 Datasheet(HTML) 7 Page - Intersil Corporation

  HA1-5320-2 Datasheet HTML 1Page - Intersil Corporation HA1-5320-2 Datasheet HTML 2Page - Intersil Corporation HA1-5320-2 Datasheet HTML 3Page - Intersil Corporation HA1-5320-2 Datasheet HTML 4Page - Intersil Corporation HA1-5320-2 Datasheet HTML 5Page - Intersil Corporation HA1-5320-2 Datasheet HTML 6Page - Intersil Corporation HA1-5320-2 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (321) 724-7000
FAX: (321) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
Die Characteristics
DIE DIMENSIONS:
92 mils x 152 mils x 19 mils
METALLIZATION:
Type: Al, 1% Cu
Thickness: 16k
Å
±2kÅ
PASSIVATION:
Type: Nitride (Si3N4) over Silox (SiO2, 5% Phos)
Silox Thickness: 12k
Å
±2kÅ
Nitride Thickness: 3.5k
Å
±1.5kÅ
TRANSISTOR COUNT:
184
SUBSTRATE POTENTIAL:
V-
Metallization Mask Layout
HA-5320
CEXT
V+
(8) INT BW
(7) OUTPUT
(6) SIG GND
V-
VIO ADJ
VIO ADJ
+INPUT (2)
-INPUT (1)
S/H CTRL (14)
SUPPLY GND
(9)
(11)
(13)
(5)
(4)
(3)
HA-5320


Similar Part No. - HA1-5320-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA1-5320-2 INTERSIL-HA1-5320-2 Datasheet
232Kb / 8P
   1 Microsecond Precision Sample and Hold Amplifier
HA1-5320-2 INTERSIL-HA1-5320-2 Datasheet
316Kb / 11P
   1 Microsecond Precision Sample and Hold Amplifier
August 11, 2015
logo
Renesas Technology Corp
HA1-5320-2 RENESAS-HA1-5320-2 Datasheet
541Kb / 11P
   1 Microsecond Precision Sample and Hold Amplifier
More results

Similar Description - HA1-5320-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5320 INTERSIL-HA-5320_05 Datasheet
232Kb / 8P
   1 Microsecond Precision Sample and Hold Amplifier
logo
Renesas Technology Corp
HA-5320 RENESAS-HA-5320 Datasheet
541Kb / 11P
   1 Microsecond Precision Sample and Hold Amplifier
logo
Intersil Corporation
HA1-5320-2 INTERSIL-HA1-5320-2 Datasheet
316Kb / 11P
   1 Microsecond Precision Sample and Hold Amplifier
August 11, 2015
logo
Linear Technology
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
   Precision Sample and Hold Amplifier?
LF198A LINER-LF198A Datasheet
1Mb / 16P
   Precision Sample and Hold Amplifier
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
   Precision Sample and Hold Amplifier
logo
Intersil Corporation
HA1-5330-5 INTERSIL-HA1-5330-5 Datasheet
283Kb / 5P
   650ns Precision Sample and Hold Amplifier
June 2004
HA-5330 INTERSIL-HA-5330 Datasheet
63Kb / 5P
   650ns Precision Sample and Hold Amplifier
September 1998
logo
Renesas Technology Corp
HA-5330 RENESAS-HA-5330 Datasheet
384Kb / 5P
   650ns Precision Sample and Hold Amplifier
June 2004
logo
Intersil Corporation
HA-5330 INTERSIL-HA-5330_04 Datasheet
278Kb / 5P
   650ns Precision Sample and Hold Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com