Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HA-5177 Datasheet(PDF) 1 Page - Intersil Corporation

Part No. HA-5177
Description  Ultra Low Offset Voltage Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HA-5177 Datasheet(HTML) 1 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3-159
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
HA-5177/883
Ultra Low Offset Voltage Operational Amplifier
Description
The HA-5177/883 is a monolithic, all bipolar, precision oper-
ational amplifier, utilizing Intersil Dielectric Isolation and
advance processing techniques. This design features a
combination of precision input characteristics, wide gain
bandwidth (2MHz) and high speed (0.5V/
µs min) and is an
improved version of the HA-5135/883.
The HA-5177/883 uses advanced matching techniques and
laser trimming to produce low offset voltage (10
µV typ, 60µV
max) and low offset voltage drift (0.1
µV/oC typ, 0.6µV/oC
max). This design also features low voltage noise (9nV/
√Hz
typ), Low current noise (0.32pA/
√Hz typ), nanoamp input
currents, and 126dB minimum gain.
These outstanding features along with high CMRR (140dB
typ, 110dB min) and high PSRR (135dB typ, 110dB min)
make this unity gain stable amplifier ideal for high resolution
data acquisition systems, precision integrators, and low level
transducer amplifiers.
Ordering Information
PART
NUMBER
TEMPERATURE
RANGE
PACKAGE
HA2-5177/883
-55oC to +125oC
8 Pin Can
HA7-5177/883
-55oC to +125oC
8 Lead CerDIP
HA4-5177/883
-55oC to +125oC
20 Lead Ceramic LCC
Features
• This Circuit is Processed in Accordance to MIL-STD-
883 and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• Low Offset Voltage. . . . . . . . . . . . . . . . . . . . .60
µV (Max)
10
µV (Typ)
• Low Offset Voltage Drift . . . . . . . . . . . . 0.6
µV/oC (Max)
0.1
µV/oC (Typ)
• High Voltage Gain . . . . . . . . . . . . . . . . . . . . 126dB (Min)
150dB (Typ)
• High CMRR . . . . . . . . . . . . . . . . . . . . . . . . . . 110dB (Min)
140dB (Typ)
• High PSRR . . . . . . . . . . . . . . . . . . . . . . . . . . 110dB (Min)
135dB (Typ)
• Low Noise . . . . . . . . . . . . . . . . . . . . . . . . 11nV/
√Hz (Max)
9nV/
√Hz (Typ)
• Low Power Consumption . . . . . . . . . . . . . 51mW (Max)
• Wide Gain Bandwidth Product . . . . . . . . . . 2MHz (Min)
• Unity Gain Stable
Applications
• High Gain Instrumentation Amplifiers
• Precision Control Systems
• Precision Integrators
• High Resolution Data Converters
• Precision Threshold Detectors
• Low Level Transducer Amplifiers
July 1994
Spec Number
511041-883
File Number
3733.1
Pinouts
HA-5177/883
(CERDIP)
TOP VIEW
HA-5177/883
(CLCC)
TOP VIEW
HA-5177/883
(METAL CAN)
TOP VIEW
1
2
3
4
8
7
6
5
BAL1
V+
OUT
NC
BAL 2
IN-
IN+
V-
+
-
4
5
6
7
8
910 11 12 13
321 20 19
15
14
18
17
16
NC
NC
NC
V+
OUT
NC
NC
NC
+
-IN
+IN
-
BAL1
OUT
IN -
V-
BAL 2
IN+
V+
NC
2
4
6
1
3
7
5
8
+
-


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn