Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HA-5177 Datasheet(PDF) 5 Page - Intersil Corporation

Part No. HA-5177
Description  Ultra Low Offset Voltage Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HA-5177 Datasheet(HTML) 5 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3-163
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
HA-5177/883
Die Characteristics
DIE DIMENSIONS:
72 x 103 x 19 mils
± 1 mils
1840 x 2620 x 483
µm ± 25.4µm
METALLIZATION:
Type: Al, 1% Cu
Thickness: 16k
Å
± 2kÅ
GLASSIVATION:
Type: Nitride (Si3N4) over Silox (SIO2, 5% Phos.)
Silox Thickness: 12k
Å
± 2kÅ
Nitride Thickness: 3.5k
Å
± 1.5kÅ
WORST CASE CURRENT DENSITY:
6.0 x 104A/cm2
SUBSTRATE POTENTIAL (Powered Up): V-
TRANSISTOR COUNT: 71
PROCESS: Bipolar Dielectric Isolation
Metallization Mask Layout
HA-5177/883
BAL1
V+
OUT
NC
V-
+IN
-IN
BAL2
Spec Number
511041-883


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn