Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8628 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8628
Description  Zero-Drift, Single-Supply, Rail-to-Rail
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8628 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8628_15 Datasheet HTML 2Page - Analog Devices AD8628_15 Datasheet HTML 3Page - Analog Devices AD8628_15 Datasheet HTML 4Page - Analog Devices AD8628_15 Datasheet HTML 5Page - Analog Devices AD8628_15 Datasheet HTML 6Page - Analog Devices AD8628_15 Datasheet HTML 7Page - Analog Devices AD8628_15 Datasheet HTML 8Page - Analog Devices AD8628_15 Datasheet HTML 9Page - Analog Devices AD8628_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8628/AD8629/AD8630
Data Sheet
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
6 V
Input Voltage
GND – 0.3 V to VS + 0.3 V
Differential Input Voltage1
±5.0 V
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
ESD AD8628
HBM 8-Lead SOIC
±7000V
FICDM 8-Lead SOIC
±1500V
FICDM 5-Lead TSOT
±1000V
MM 8-Lead SOIC
±200V
ESD AD8629
HBM 8-Lead SOIC
±4000V
FICDM 8-Lead SOIC
±1000V
ESD AD8630
HBM 14-Lead SOIC
±5000V
FICDM 14-Lead SOIC
±1500V
FICDM 14-Lead TSSOP
±1500V
MM 14-Lead SOIC
±200V
1
Differential input voltage is limited to ±5 V or the supply voltage, whichever
is less.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
θJA is specified for worst-case conditions, that is, θJA is specified
for the device soldered in a circuit board for surface-mount
packages. This was measured using a standard two-layer board.
Table 4.
Package Type
θJA
θJC
Unit
5-Lead TSOT (UJ-5)
207
61
°C/W
5-Lead SOT-23 (RJ-5)
230
146
°C/W
8-Lead SOIC_N (R-8)
158
43
°C/W
8-Lead MSOP (RM-8)
190
44
°C/W
14-Lead SOIC_N (R-14)
105
43
°C/W
14-Lead TSSOP (RU-14)
148
23
°C/W
ESD CAUTION
Rev. K | Page 6 of 24


Similar Part No. - AD8628_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8628AR AD-AD8628AR Datasheet
476Kb / 20P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
REV. C
AD8628AR AD-AD8628AR Datasheet
410Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. E
AD8628AR AD-AD8628AR Datasheet
432Kb / 20P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. F
AD8628AR-REEL AD-AD8628AR-REEL Datasheet
476Kb / 20P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
REV. C
AD8628AR-REEL AD-AD8628AR-REEL Datasheet
410Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. E
More results

Similar Description - AD8628_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8554 AD-AD8554_15 Datasheet
440Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail
Rev. E
AD8630 AD-AD8630_15 Datasheet
426Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail
Rev. K
AD8629 AD-AD8629_15 Datasheet
426Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail
Rev. K
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8629S AD-AD8629S_17 Datasheet
151Kb / 9P
   Zero-Drift, Single-Supply Rail-to-Rail Input/Output Operational Amplifier
AD8574 AD-AD8574_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8628ART AD-AD8628ART Datasheet
449Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. I
AD8571 AD-AD8571_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8572 AD-AD8572_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
logo
Shenzhen Huazhimei Semi...
HM8581 HMSEMI-HM8581 Datasheet
981Kb / 6P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/ Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com