Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8620 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8620
Description  Precision, Very Low Noise
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8620 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8620_15 Datasheet HTML 5Page - Analog Devices AD8620_15 Datasheet HTML 6Page - Analog Devices AD8620_15 Datasheet HTML 7Page - Analog Devices AD8620_15 Datasheet HTML 8Page - Analog Devices AD8620_15 Datasheet HTML 9Page - Analog Devices AD8620_15 Datasheet HTML 10Page - Analog Devices AD8620_15 Datasheet HTML 11Page - Analog Devices AD8620_15 Datasheet HTML 12Page - Analog Devices AD8620_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD8610/AD8620
Rev. F | Page 9 of 24
+PSRR
–PSRR
–40
–20
0
20
40
60
80
100
120
140
160
FREQUENCY (Hz)
VS = ±13V
100
10k
100k
1k
1M
10M
60M
Figure 21. PSRR vs. Frequency
+PSRR
–PSRR
–40
–20
0
20
40
60
80
100
120
140
160
FREQUENCY (Hz)
VS = ±5V
100
10k
100k
1k
1M
10M
60M
Figure 22. PSRR vs. Frequency
122
116
117
118
119
120
121
25
85
–40
125
TEMPERATURE (°C)
Figure 23. PSRR vs. Temperature
0
20
40
60
80
100
120
140
FREQUENCY (Hz)
10
100
10k
100k
1k
1M
10M
60M
VS = ±13V
Figure 24. CMRR vs. Frequency
VIN
0V
0V
VOUT
CH2 = 5V/DIV
TIME (4µs/DIV)
VS = ±13V
VIN = –300mV p-p
AV = –100
RL = 10kΩ
Figure 25. Positive Overvoltage Recovery
VIN
0V
VOUT
CH2 = 5V/DIV
TIME (4µs/DIV)
VS = ±13V
VIN = 300mV p-p
AV = –100
RL = 10kΩ
CL = 0pF
0V
Figure 26. Negative Overvoltage Recovery


Similar Part No. - AD8620_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8620AR AD-AD8620AR Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
AD8620AR AD-AD8620AR Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8620AR-REEL AD-AD8620AR-REEL Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
AD8620AR-REEL AD-AD8620AR-REEL Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8620AR-REEL7 AD-AD8620AR-REEL7 Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
More results

Similar Description - AD8620_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8610 AD-AD8610_15 Datasheet
371Kb / 24P
   Precision, Very Low Noise
Rev. F
logo
Texas Instruments
REF5040IDGK TI-REF5040IDGK Datasheet
1Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift Precision
logo
Analog Devices
AD8674 AD-AD8674_15 Datasheet
439Kb / 20P
   Precision, Very Low Noise, Low Input
Rev. F
AD8671 AD-AD8671_15 Datasheet
439Kb / 20P
   Precision, Very Low Noise, Low Input
Rev. F
AD8672 AD-AD8672_15 Datasheet
439Kb / 20P
   Precision, Very Low Noise, Low Input
Rev. F
AD8510 AD-AD8510_15 Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
logo
Texas Instruments
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
logo
Burr-Brown (TI)
REF5020 BURR-BROWN-REF5020_1 Datasheet
610Kb / 18P
   Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
logo
Analog Devices
AD8512ARMZ AD-AD8512ARMZ Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
logo
Texas Instruments
REF5020-Q1 TI-REF5020-Q1 Datasheet
560Kb / 17P
[Old version datasheet]   LOW NOISE, VERY LOW DRIFT,PRECISION VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com