Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA9P5114-9 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HA9P5114-9
Description  Dual and Quad, 8MHz and 60MHz, Low Noise Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA9P5114-9 Datasheet(HTML) 4 Page - Intersil Corporation

  HA9P5114-9 Datasheet HTML 1Page - Intersil Corporation HA9P5114-9 Datasheet HTML 2Page - Intersil Corporation HA9P5114-9 Datasheet HTML 3Page - Intersil Corporation HA9P5114-9 Datasheet HTML 4Page - Intersil Corporation HA9P5114-9 Datasheet HTML 5Page - Intersil Corporation HA9P5114-9 Datasheet HTML 6Page - Intersil Corporation HA9P5114-9 Datasheet HTML 7Page - Intersil Corporation HA9P5114-9 Datasheet HTML 8Page - Intersil Corporation HA9P5114-9 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Test Circuits and Waveforms
HA-5102, HA-5104
FIGURE 1. LARGE SIGNAL RESPONSE CIRCUIT
FIGURE 2. SMALL SIGNAL RESPONSE CIRCUIT
HA-5114
Input = 0.5V/Div., Output = 5V/Div., Time = 500ns/Div.
Input = 10mV/Div., Output = 50mV/Div., Time = 50ns/Div.
+
50pF
OUT
IN
2k
2k
1k
+5V
0V
-5V
+5V
0V
-5V
-
Vertical = 5V/Div., Horizontal = 5
µs/Div. (AV = -1)
INPUT
OUTPUT
+
50pF
IN
2k
200mV
INPUT
0V
OUTPUT
-
Vertical = 40mV/Div., Horizontal = 50ns/Div. (AV = +1)
+0.5V
0V
-0.5V
+5V
0V
-5V
INPUT
OUTPUT
200mV
0V
OUTPUT
INPUT
HA-5102, HA-5104, HA-5114


Similar Part No. - HA9P5114-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA9P5101-9 INTERSIL-HA9P5101-9 Datasheet
534Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
HA9P5101-9 INTERSIL-HA9P5101-9 Datasheet
556Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
logo
Renesas Technology Corp
HA9P5101-9 RENESAS-HA9P5101-9 Datasheet
563Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
May 2003
logo
Intersil Corporation
HA9P5104-9 INTERSIL-HA9P5104-9 Datasheet
523Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Renesas Technology Corp
HA9P5104-9 RENESAS-HA9P5104-9 Datasheet
887Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
More results

Similar Description - HA9P5114-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102_04 Datasheet
523Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Renesas Technology Corp
HA-5102 RENESAS-HA-5102 Datasheet
887Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28107_1009 INTERSIL-ISL28107_1009 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
MC33078 ONSEMI-MC33078_06 Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
MC33078 ONSEMI-MC33078_11 Datasheet
421Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
November, 2011 ??Rev. 9
logo
Diodes Incorporated
LM2902 DIODES-LM2902_18 Datasheet
791Kb / 16P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com