Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD8610 Datasheet(PDF) 3 Page - Analog Devices

Part No. AD8610
Description  Precision, Very Low Noise
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8610 Datasheet(HTML) 3 Page - Analog Devices

  AD8610_15 Datasheet HTML 1Page - Analog Devices AD8610_15 Datasheet HTML 2Page - Analog Devices AD8610_15 Datasheet HTML 3Page - Analog Devices AD8610_15 Datasheet HTML 4Page - Analog Devices AD8610_15 Datasheet HTML 5Page - Analog Devices AD8610_15 Datasheet HTML 6Page - Analog Devices AD8610_15 Datasheet HTML 7Page - Analog Devices AD8610_15 Datasheet HTML 8Page - Analog Devices AD8610_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD8610/AD8620
Rev. F | Page 3 of 24
SPECIFICATIONS
@ VS = ±5.0 V, VCM = 0 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage (AD8610B)
VOS
45
100
μV
−40°C < TA < +125°C
80
200
μV
Offset Voltage (AD8620B)
VOS
45
150
μV
−40°C < TA < +125°C
80
300
μV
Offset Voltage (AD8610A/AD8620A)
VOS
85
250
μV
25°C < TA < 125°C
90
350
μV
−40°C < TA < +125°C
150
850
μV
Input Bias Current
IB
−10
+2
+10
pA
−40°C < TA < +85°C
−250
+130
+250
pA
−40°C < TA < +125°C
−2.5
+1.5
+2.5
nA
Input Offset Current
IOS
−10
+1
+10
pA
−40°C < TA < +85°C
−75
+20
+75
pA
−40°C < TA < +125°C
−150
+40
+150
pA
Input Voltage Range
−2
+3
V
Common-Mode Rejection Ratio
CMRR
VCM = –1.5 V to +2.5 V
90
95
dB
Large Signal Voltage Gain
AVO
RL = 1 kΩ, VO = −3 V to +3 V
100
180
V/mV
Offset Voltage Drift (AD8610B)
ΔVOS/ΔT
−40°C < TA < +125°C
0.5
1
μV/°C
Offset Voltage Drift (AD8620B)
ΔVOS/ΔT
−40°C < TA < +125°C
0.5
1.5
μV/°C
Offset Voltage Drift (AD8610A/AD8620A)
ΔVOS/ΔT
−40°C < TA < +125°C
0.8
3.5
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 1 kΩ, −40°C < TA < +125°C
3.8
4
V
Output Voltage Low
VOL
RL = 1 kΩ, −40°C < TA < +125°C
−4
−3.8
V
Output Current
IOUT
VOUT > ±2 V
±30
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±5 V to ±13 V
100
110
dB
Supply Current per Amplifier
ISY
VO = 0 V
2.5
3.0
mA
−40°C < TA < +125°C
3.0
3.5
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
40
50
V/μs
Gain Bandwidth Product
GBP
25
MHz
Settling Time
tS
AV = +1, 4 V step, to 0.01%
350
ns
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
1.8
μV p-p
Voltage Noise Density
en
f = 1 kHz
6
nV/√Hz
Current Noise Density
in
f = 1 kHz
5
fA/√Hz
Input Capacitance
CIN
Differential Mode
8
pF
Common Mode
15
pF
Channel Separation
CS
f = 10 kHz
137
dB
f = 300 kHz
120
dB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn