Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD8610 Datasheet(PDF) 10 Page - Analog Devices

Part No. AD8610
Description  Precision, Very Low Noise
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8610 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8610_15 Datasheet HTML 6Page - Analog Devices AD8610_15 Datasheet HTML 7Page - Analog Devices AD8610_15 Datasheet HTML 8Page - Analog Devices AD8610_15 Datasheet HTML 9Page - Analog Devices AD8610_15 Datasheet HTML 10Page - Analog Devices AD8610_15 Datasheet HTML 11Page - Analog Devices AD8610_15 Datasheet HTML 12Page - Analog Devices AD8610_15 Datasheet HTML 13Page - Analog Devices AD8610_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8610/AD8620
Rev. F | Page 10 of 24
VS = ±13V
VIN p-p = 1.8µV
TIME (1s/DIV)
Figure 27. 0.1 Hz to 10 Hz Input Voltage Noise
1
10
100
1000
FREQUENCY (Hz)
VS = ±13V
1
10
100
10k
100k
1k
1M
Figure 28. Input Voltage Noise Density vs. Frequency
0
10
20
30
40
50
60
70
80
90
100
FREQUENCY (Hz)
10k
100k
1k
100M
10M
1M
GAIN = +10
GAIN = +100
GAIN = +1
VS = ±13V
Figure 29. ZOUT vs. Frequency
0
10
20
30
40
50
60
70
80
90
100
FREQUENCY (Hz)
10k
100k
1k
100M
10M
1M
GAIN = +10
GAIN = +100
GAIN = +1
VS = ±5V
Figure 30. ZOUT vs. Frequency
0
500
1000
1500
2000
2500
3000
TEMPERATURE (°C)
025
125
85
Figure 31. Input Bias Current vs. Temperature
0
5
10
15
20
25
40
30
35
CAPACITANCE (pF)
0
10
100
10k
1k
+OS
–OS
VS = ±13V
RL = 2kΩ
VIN = 100mV p-p
Figure 32. Small Signal Overshoot vs. Load Capacitance


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn