Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA5135 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HA5135
Description  2.5MHz, Precision Operational Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5135 Datasheet(HTML) 8 Page - Intersil Corporation

  HA5135 Datasheet HTML 1Page - Intersil Corporation HA5135 Datasheet HTML 2Page - Intersil Corporation HA5135 Datasheet HTML 3Page - Intersil Corporation HA5135 Datasheet HTML 4Page - Intersil Corporation HA5135 Datasheet HTML 5Page - Intersil Corporation HA5135 Datasheet HTML 6Page - Intersil Corporation HA5135 Datasheet HTML 7Page - Intersil Corporation HA5135 Datasheet HTML 8Page - Intersil Corporation HA5135 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
FIGURE 15. MAXIMUM OUTPUT VOLTAGE SWING vs LOAD
RESISTANCE
FIGURE 16. NORMALIZED AC PARAMETERS vs SUPPLY
VOLTAGE
FIGURE 17. CMRR vs FREQUENCY
FIGURE 18. PSRR vs FREQUENCY
FIGURE 19. SETTLING TIME FOR VARIOUS OUTPUT STEP
VOLTAGES
FIGURE 20. POWER SUPPLY CURRENT vs TEMPERATURE
Typical Performance Curves (Continued)
30
25
20
15
10
1
100
10K
LOAD RESISTANCE (
Ω)
5
1K
10
VSUPPLY = ±15V
VSUPPLY = ±10V
VSUPPLY = ±5V
0
1.1
1.0
0.9
0.8
216
18
20
SUPPLY VOLTAGE (
±V)
46
8
10
12
14
0.7
0.6
0
BANDWIDTH
SLEW RATE
140
120
100
80
60
40
20
0
FREQUENCY (Hz)
10
10K
100
1K
100K
1
FREQUENCY (Hz)
10
10K
100
1K
100K
1
140
120
100
80
60
40
20
0
SETTLING TIME (
µs)
02468
-10
-5
0
5
10
10
12
14
16
TO 10mV
TO 1mV
TO 10mV
TO 1mV
VS = ±20V
TEMPERATURE (oC)
±1.4
±1.2
±1.0
±0.8
±0.6
±0.4
±0.2
0
-80
40
160
120
80
-40
0
VS = ±15V
VS = ±10V
VS = ±5V
HA-5135


Similar Part No. - HA5135

ManufacturerPart #DatasheetDescription
logo
Power-One
HA5-1.5 POWER-ONE-HA5-1.5 Datasheet
478Kb / 9P
   Linear Power Supplies Data Sheet
logo
SL Power Electronics
HA5-1.5-OV-A SLPOWER-HA5-1.5-OV-A Datasheet
720Kb / 7P
   Commercial/Medical International Linears
HA5-1.5-OV-A+G SLPOWER-HA5-1.5-OV-A+G Datasheet
374Kb / 7P
   DC Power Supplies
logo
HBH Microwave GmbH
HA5001 HBH-HA5001 Datasheet
12Kb / 1P
   C-Band 25 W Amplifier
logo
Intersil Corporation
HA5002 INTERSIL-HA5002 Datasheet
820Kb / 13P
   110MHz, High Slew Rate, High Output Current Buffer
November 1998
More results

Similar Description - HA5135

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5135 INTERSIL-HA-5135_04 Datasheet
308Kb / 10P
   2.5MHz, Precision Operational Amplifier
logo
Renesas Technology Corp
HA-5135 RENESAS-HA-5135 Datasheet
315Kb / 10P
   2.5MHz, Precision Operational Amplifier
January 2004
logo
ON Semiconductor
LM308A ONSEMI-LM308A Datasheet
215Kb / 8P
   Precision Operational Amplifier
March, 2005 ??Rev. XXX
logo
Linear Technology
LT1001 LINER-LT1001_02 Datasheet
191Kb / 16P
   Precision Operational Amplifier
OP-07CSB LINER-OP-07CSB Datasheet
158Kb / 3P
   Precision Operational Amplifier?
logo
Intersil Corporation
HA-5135883 INTERSIL-HA-5135883 Datasheet
110Kb / 5P
   Precision Operational Amplifier
logo
Linear Technology
LT1001 LINER-LT1001 Datasheet
326Kb / 12P
   Precision Operational Amplifier
logo
Maxim Integrated Produc...
MXL1001 MAXIM-MXL1001 Datasheet
42Kb / 4P
   Precision Operational Amplifier
19-0286; Rev 1; 8/94
logo
Intersil Corporation
UA777 INTERSIL-UA777 Datasheet
389Kb / 6P
   Precision Operational Amplifier
logo
New Japan Radio
NJM2729 NJRC-NJM2729 Datasheet
1Mb / 18P
   Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com