Electronic Components Datasheet Search |
|
HA1-4741-5 Datasheet(PDF) 2 Page - Intersil Corporation |
|
HA1-4741-5 Datasheet(HTML) 2 Page - Intersil Corporation |
2 / 6 page 2 Absolute Maximum Ratings Thermal Information TA = 25 oC Unless Otherwise Stated Supply Voltage Between V+ and V- Terminals. . . . . . . . . . . . . . 40V Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSUPPLY Output Short Circuit Duration (Note 3). . . . . . . . . . . . . . . . Indefinite Operating Conditions Temperature Range: HA-4741-2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC HA-4741-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 75oC HA-4741-9 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC Thermal Resistance (Typical, Note 2) θJA (oC/W) θJC (oC/W) CERDIP Package . . . . . . . . . . . . . . . . . 90 35 PDIP Package . . . . . . . . . . . . . . . . . . . 107 N/A SOIC Package . . . . . . . . . . . . . . . . . . . 96 N/A Maximum Junction Temperature (Ceramic Package, Note 1) . . . . .175oC Maximum Junction Temperature (Plastic Packages, Note 1) . . . . .150oC Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC (SOIC - Lead Tips Only) CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTES: 1. Maximum power dissipation, including output load, must be designed to maintain junction temperature below 175oC for the ceramic package, and below 150oC for the plastic packages. 2. θJA is measured with the component mounted on an evaluation PC board in free air. 3. One amplifier may be shorted to ground indefinitely. Electrical Specifications VSUPPLY = ±15V, Unless Otherwise Specified PARAMETER TEST CONDITIONS TEMP. (oC) HA-4741-2 HA-4741-5 (NOTE 4) HA-4741-9 UNITS MIN TYP MAX MIN TYP MAX MAX INPUT CHARACTERISTICS Offset Voltage 25 - 0.5 3 - 1 5 5 mV Full - 4 5 - 4 6.5 8.5 mV Average Offset Voltage Drift Full - 5 - - 5 - - µV/oC Bias Current 25 - 60 200 - 60 300 300 nA Full - - 325 - - 400 400 nA Offset Current 25 - 15 30 - 30 50 50 nA Full - - 75 - - 100 100 nA Common Mode Range Full ±12 - - ±12 - - - V Differential Input Resistance 25 - 0.5 - - 0.5 - - M Ω Input Voltage Noise f = 1kHz 25 - 9 - - 9 - - nV/ √Hz TRANSFER CHARACTERISTICS Large Signal Voltage Gain VOUT = ±10V, RL =2kΩ 25 50 100 - 25 50 - - kV/V Full 25 - - 15 - - - kV/V Common Mode Rejection Ratio 25 80 95 - 80 95 - - dB Full 74 - - 74 - - - dB Channel Separation (Note 5) 25 66 69 - 66 69 - - dB Small Signal Bandwidth 25 2.5 3.5 - 2.5 3.5 - - MHz OUTPUT CHARACTERISTICS Output Voltage Swing RL = 10kΩ Full ±12 ±13.7 - ±12 ±13.7 - - V Output Voltage Swing RL = 2kΩ Full ±10 ±12.5 - ±10 ±12.5 - - V Full Power Bandwidth (Notes 6, 7) 25 - 25 - - 25 - - kHz Output Current VOUT = ±10V Full ±5 ±15 - ±5 ±15 - - mA Output Resistance 25 - 300 - - 300 - - Ω HA-4741 |
Similar Part No. - HA1-4741-5 |
|
Similar Description - HA1-4741-5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |