Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA1-2556-9 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HA1-2556-9
Description  57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA1-2556-9 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HA1-2556-9 Datasheet HTML 4Page - Intersil Corporation HA1-2556-9 Datasheet HTML 5Page - Intersil Corporation HA1-2556-9 Datasheet HTML 6Page - Intersil Corporation HA1-2556-9 Datasheet HTML 7Page - Intersil Corporation HA1-2556-9 Datasheet HTML 8Page - Intersil Corporation HA1-2556-9 Datasheet HTML 9Page - Intersil Corporation HA1-2556-9 Datasheet HTML 10Page - Intersil Corporation HA1-2556-9 Datasheet HTML 11Page - Intersil Corporation HA1-2556-9 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
This multiplier has the advantage over other AGC circuits, in
that the signal bandwidth is not affected by the control signal
gain adjustment.
Voltage Controlled Amplifier
A wide range of gain adjustment is available with the Voltage
Controlled Amplifier configuration shown in Figure 16. Here
the gain of the HFA0002 can be swept from 20V/V to a gain
of almost 1000V/V with a DC voltage from 0V to 5V.
Wave Shaping Circuits
Wave shaping or curve fitting is another class of application
for the analog multiplier. For example, where a nonlinear
sensor requires corrective curve fitting to improve linearity
the HA-2556 can provide nonintegral powers in the range 1
to 2 or nonintegral roots in the range 0.5 to 1.0 (refer to
References). This effect is displayed in Figure 17.
A multiplier can’t do nonintegral roots “exactly”, but it can
yield a close approximation. We can approximate
nonintegral roots with equations of the form:
Figure 18 compares the function VOUT = VIN
0.7 to the
approximation VOUT = 0.5VIN
0.5 + 0.5V
IN.
This function can be easily built using an HA-2556 and a
potentiometer for easy adjustment as shown in Figures 19 and
20. If a fixed nonintegral power is desired, the circuit shown in
Figure 21 eliminates the need for the output buffer amp. These
circuits approximate the function VIN
M where M is the desired
nonintegral power or root.
FIGURE 15. AUTOMATIC GAIN CONTROL
FIGURE 16. VOLTAGE CONTROLLED AMPLIFIER
NC
NC
VY+
V-
VOUT
V+
NC
NC
50
HA-2556
5k
10k
HA-5127
0.01
µF
10k
0.1
µF
1N914
5.6V
0.1
µF
+15V
20k
NC
NC
+
-
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
Σ
+ -
REF
Y
X
Z
NC
NC
VX + (VGAIN)
V-
VIN
V+
NC
NC
HFA0002
5k
VOUT
500
NC
NC
HA-2556
+
-
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
Σ
+ -
REF
Y
X
Z
0
0.2
0.4
0.6
0.8
1
0
0.2
0.4
0.6
0.8
1
INPUT (V)
X0.5
X0.7
X1.5
X2
FIGURE 17. EFFECT OF NONINTEGRAL POWERS / ROOTS
V
o
1
α
()V
IN
2
αV
IN
+
=
V
o
1
α
()V
IN
12
αV
IN
+
=
0
0.2
0.4
0.6
0.8
1
0
0.2
0.4
0.6
0.8
1
INPUT (V)
X
X0.7
0.5X0.5+ 0.5X
FIGURE 18. COMPARE APPROXIMATION TO NONINTEGRAL
ROOT
HA-2556


Similar Part No. - HA1-2556-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA1-2556-9 INTERSIL-HA1-2556-9 Datasheet
604Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
More results

Similar Description - HA1-2556-9

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA-2556 RENESAS-HA-2556 Datasheet
1,000Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
logo
Intersil Corporation
HA9P2556-9Z INTERSIL-HA9P2556-9Z Datasheet
564Kb / 18P
   57MHz, Wideband, Four Quadrant,Voltage Output Analog Multiplier
April 25, 2013
HA-2556 INTERSIL-HA-2556_08 Datasheet
604Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
HA2556 INTERSIL-HA2556 Datasheet
205Kb / 20P
   Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA2557 INTERSIL-HA2557 Datasheet
430Kb / 14P
   Wideband Four Quadrant Analog Multiplier (Current Output)
July 1994
HA2546 INTERSIL-HA2546 Datasheet
534Kb / 19P
   Wideband Two Quadrant Analog Multiplier (Voltage Output)
July 1994
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
Motorola, Inc
MC1495 MOTOROLA-MC1495 Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
logo
Intersil Corporation
HA-2557 INTERSIL-HA-2557 Datasheet
576Kb / 10P
   130MHz, Four Quadrant, Current Output Analog Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com