Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA1-2546-5 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HA1-2546-5
Description  30MHz, Voltage Output, Two Quadrant Analog Multiplier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA1-2546-5 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HA1-2546-5 Datasheet HTML 4Page - Intersil Corporation HA1-2546-5 Datasheet HTML 5Page - Intersil Corporation HA1-2546-5 Datasheet HTML 6Page - Intersil Corporation HA1-2546-5 Datasheet HTML 7Page - Intersil Corporation HA1-2546-5 Datasheet HTML 8Page - Intersil Corporation HA1-2546-5 Datasheet HTML 9Page - Intersil Corporation HA1-2546-5 Datasheet HTML 10Page - Intersil Corporation HA1-2546-5 Datasheet HTML 11Page - Intersil Corporation HA1-2546-5 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
FIGURE 5. VOLTAGE CONTROLLED AMPLIFIER
FIGURE 6. VIDEO FADER
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
REF
NC
NC
V-
VIN
V+
NC
X
Z
Y
Σ
+
-
+
-
+
-
+
-
NC
-
+
HFA0002
5k
VOUT
500
FREQUENCY (Hz)
100
180
135
90
45
0
100K
10M
100M
1K
10K
VGAIN = 0.030V
1M
80
60
40
20
0
-20
-40
-60
-80
-100
0.126V
0.4V
0.902V
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
REF
NC
NC
VMIX (0V to 2V)
V-
V+
NC
X
Z
Y
Σ
+
-
+
-
+
-
+
-
NC
VOUT
50
Ch A
Ch B
VOUT = Ch B + (Ch A - Ch B) VMIX / Scale Factor
Scale Factor = 2
VOUT = All Ch B; if VMIX = 0V
VOUT = All Ch A; if VMIX = 2V (Full Scale)
VOUT = Mix of Ch A and Ch B; if 0V < VMIX < 2V
HA-2546


Similar Part No. - HA1-2546-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA1-2546/883 INTERSIL-HA1-2546/883 Datasheet
534Kb / 19P
   Wideband Two Quadrant Analog Multiplier (Voltage Output)
July 1994
HA1-2546883 INTERSIL-HA1-2546883 Datasheet
534Kb / 19P
   Wideband Two Quadrant Analog Multiplier (Voltage Output)
July 1994
More results

Similar Description - HA1-2546-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2546 INTERSIL-HA-2546_04 Datasheet
827Kb / 16P
   30MHz, Voltage Output, Two Quadrant Analog Multiplier
logo
Renesas Technology Corp
HA-2546 RENESAS-HA-2546 Datasheet
835Kb / 16P
   30MHz, Voltage Output, Two Quadrant Analog Multiplier
November 19, 2004
logo
Intersil Corporation
HA2546 INTERSIL-HA2546 Datasheet
534Kb / 19P
   Wideband Two Quadrant Analog Multiplier (Voltage Output)
July 1994
HA-2547 INTERSIL-HA-2547 Datasheet
836Kb / 8P
   100MHz, Two Quadrant, Current Output, Analog Multiplier
HA2556 INTERSIL-HA2556 Datasheet
205Kb / 20P
   Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA-2556 INTERSIL-HA-2556 Datasheet
244Kb / 15P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
September 1998
logo
Renesas Technology Corp
HA-2556 RENESAS-HA-2556 Datasheet
1,000Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
logo
Intersil Corporation
HA9P2556-9Z INTERSIL-HA9P2556-9Z Datasheet
564Kb / 18P
   57MHz, Wideband, Four Quadrant,Voltage Output Analog Multiplier
April 25, 2013
HA-2556 INTERSIL-HA-2556_08 Datasheet
604Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
HA-2557 INTERSIL-HA-2557 Datasheet
576Kb / 10P
   130MHz, Four Quadrant, Current Output Analog Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com