Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA1-2540-5 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA1-2540-5
Description  400MHz, Fast Settling Operational Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA1-2540-5 Datasheet(HTML) 1 Page - Intersil Corporation

  HA1-2540-5 Datasheet HTML 1Page - Intersil Corporation HA1-2540-5 Datasheet HTML 2Page - Intersil Corporation HA1-2540-5 Datasheet HTML 3Page - Intersil Corporation HA1-2540-5 Datasheet HTML 4Page - Intersil Corporation HA1-2540-5 Datasheet HTML 5Page - Intersil Corporation HA1-2540-5 Datasheet HTML 6Page - Intersil Corporation HA1-2540-5 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
HA-2540
400MHz, Fast Settling Operational
Amplifier
The Intersil HA-2540 is a wideband, very high slew rate,
monolithic operational amplifier featuring superior speed and
bandwidth characteristics. Bipolar construction coupled with
dielectric isolation allows this truly differential device to
deliver outstanding performance in circuits where closed
loop gain is 10 or greater. Additionally, the HA-2540 has a
drive capability of
±10V into a 1kΩ load. Other desirable
characteristics include low input voltage noise, low offset
voltage, and fast settling time.
A 400V/
µs slew rate ensures high performance in video and
pulse amplification circuits, while the 400MHz gain-
bandwidth product is ideally suited for wideband signal
amplification. A settling time of 140ns also makes the
HA-2540 an excellent selection for high speed Data
Acquisition Systems.
Refer to Application Note AN541 and Application Note
AN556 for more information on High Speed Op Amp
applications. HA-2540/883 MIL-STD-883 data sheet is
available on request.
Pinout
HA-2540
(CERDIP, PDIP)
TOP VIEW
Features
• Very High Slew Rate . . . . . . . . . . . . . . . . . . . . . . 400V/
µs
• Fast Settling Time. . . . . . . . . . . . . . . . . . . . . . . . . . . 140ns
• Wide Gain Bandwidth (AV ≥ 10) . . . . . . . . . . . . . . 400MHz
• Power Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . 6MHz
• Low Offset Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . 8mV
• Input Voltage Noise . . . . . . . . . . . . . . . . . . . . . . . 6nV/
√Hz
• Output Voltage Swing . . . . . . . . . . . . . . . . . . . . . . . .
±10V
• Monolithic Bipolar Construction
Applications
• Pulse and Video Amplifiers
• Wideband Amplifiers
• High Speed Sample-Hold Circuits
• Fast, Precise D/A Converters
For a lower power version of this product, please see
the HA-2850 datasheet.
NC
NC
NC
-IN
+IN
V-
NC
NC
NC
NC
V+
OUTPUT
NC
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
+
-
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
HA1-2540-2
-55 to 125
14 Ld CERDIP
F14.3
HA1-2540-5
0 to 75
14 Ld CERDIP
F14.3
HA3-2540-5
0 to 75
14 Ld PDIP
E14.3
HA3-2540C-5
0 to 75
14 Ld PDIP
E14.3
Data Sheet
September 1998
File Number
2897.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999


Similar Part No. - HA1-2540-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA1-2540-5 INTERSIL-HA1-2540-5 Datasheet
548Kb / 8P
   400MHz, Fast Settling Operational Amplifier
logo
Renesas Technology Corp
HA1-2540-5 RENESAS-HA1-2540-5 Datasheet
652Kb / 8P
   400MHz, Fast Settling Operational Amplifier
More results

Similar Description - HA1-2540-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540_03 Datasheet
548Kb / 8P
   400MHz, Fast Settling Operational Amplifier
logo
Renesas Technology Corp
HA-2540 RENESAS-HA-2540 Datasheet
652Kb / 8P
   400MHz, Fast Settling Operational Amplifier
logo
Analog Devices
HOS-050 AD-HOS-050 Datasheet
1Mb / 6P
   Fast Settling Video Operational Amplifier
logo
Intersil Corporation
HA-5195 INTERSIL-HA-5195_04 Datasheet
318Kb / 9P
   150MHz, Fast Settling Operational Amplifier
logo
Fairchild Semiconductor
KH200 FAIRCHILD-KH200 Datasheet
361Kb / 5P
   Fast Settling, Wideband Operational Amplifier
logo
Maxim Integrated Produc...
MX3554 MAXIM-MX3554 Datasheet
241Kb / 6P
   Wideband Fast-Settling Operational Amplifier
Rev 1; 9/95
logo
Renesas Technology Corp
HA-5195 RENESAS-HA-5195 Datasheet
325Kb / 9P
   150MHz, Fast Settling Operational Amplifier
November 19, 2004
logo
Elantec Semiconductor
EL2195 ELANTEC-EL2195 Datasheet
510Kb / 9P
   Wideband Fast Settling Operational Amplifier
logo
Burr-Brown (TI)
OPA600 BURR-BROWN-OPA600 Datasheet
103Kb / 9P
   Fast-Settling Wideband OPERATIONAL AMPLIFIER
logo
Cadeka Microcircuits LL...
KH200 CADEKA-KH200 Datasheet
438Kb / 5P
   Fast Settling, Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com