Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8602 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8602
Description  Precision CMOS, Single-Supply, Rail-to-Rail
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8602 Datasheet(HTML) 5 Page - Analog Devices

  AD8602_15 Datasheet HTML 1Page - Analog Devices AD8602_15 Datasheet HTML 2Page - Analog Devices AD8602_15 Datasheet HTML 3Page - Analog Devices AD8602_15 Datasheet HTML 4Page - Analog Devices AD8602_15 Datasheet HTML 5Page - Analog Devices AD8602_15 Datasheet HTML 6Page - Analog Devices AD8602_15 Datasheet HTML 7Page - Analog Devices AD8602_15 Datasheet HTML 8Page - Analog Devices AD8602_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD8601/AD8602/AD8604
Rev. G | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
Table 3.
Parameter
Rating
Supply Voltage
6 V
Input Voltage
GND to VS
Differential Input Voltage
±6 V
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature Range (Soldering, 60 sec)
300°C
ESD
2 kV HBM
θJA is specified for worst-case conditions, that is, a device
soldered onto a circuit board for surface-mount packages using
a standard 4-layer board.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
5-Lead SOT-23 (RJ)
190
92
°C/W
8-Lead SOIC (R)
120
45
°C/W
8-Lead MSOP (RM)
142
45
°C/W
14-Lead SOIC (R)
115
36
°C/W
14-Lead TSSOP (RU)
112
35
°C/W
16-Lead QSOP (RQ)
115
36
°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - AD8602_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8602AR AD-AD8602AR Datasheet
255Kb / 16P
   Precision CMOS Single Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
REV. 0
AD8602AR AD-AD8602AR Datasheet
290Kb / 20P
   Precision CMOS Single-Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
REV. D
AD8602AR AD-AD8602AR Datasheet
356Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8602AR AD-AD8602AR Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8602AR-R2 AD-AD8602AR-R2 Datasheet
290Kb / 20P
   Precision CMOS Single-Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
REV. D
More results

Similar Description - AD8602_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8601 AD-AD8601_15 Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail
Rev. G
AD8604 AD-AD8604_15 Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail
Rev. G
AD8601 AD-AD8601 Datasheet
255Kb / 16P
   Precision CMOS Single Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
REV. 0
AD8602AR-REEL7 AD-AD8602AR-REEL7 Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8601 AD-AD8601_03 Datasheet
290Kb / 20P
   Precision CMOS Single-Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
REV. D
AD8602ARZ AD-AD8602ARZ Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8601 AD-AD8601_11 Datasheet
356Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
logo
Maxim Integrated Produc...
MAX4194 MAXIM-MAX4194_03 Datasheet
719Kb / 13P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 1; 6/03
MAX4198-MAX4199 MAXIM-MAX4198-MAX4199 Datasheet
227Kb / 12P
   Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
Rev 0; 4/99
MAX4194 MAXIM-MAX4194_V01 Datasheet
362Kb / 13P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com