Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8568 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8568
Description  16 V Rail-to-Rail Buffer Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8568 Datasheet(HTML) 4 Page - Analog Devices

  AD8568_15 Datasheet HTML 1Page - Analog Devices AD8568_15 Datasheet HTML 2Page - Analog Devices AD8568_15 Datasheet HTML 3Page - Analog Devices AD8568_15 Datasheet HTML 4Page - Analog Devices AD8568_15 Datasheet HTML 5Page - Analog Devices AD8568_15 Datasheet HTML 6Page - Analog Devices AD8568_15 Datasheet HTML 7Page - Analog Devices AD8568_15 Datasheet HTML 8Page - Analog Devices AD8568_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
–4–
AD8568/AD8569/AD8570
REV. C
INPUT OFFSET VOLTAGE (mV)
100
0
12
9
6
3
0
369
12
90
50
30
20
10
80
70
40
60
TA = 25 C
4.5V < VS < 16V
TPC 1. Input Offset Voltage Distribution
TCVOS ( V/ C)
300
150
0
0
100
10
20
30
40
50
60
70
80
90
250
200
100
50
4.5V < VS < 16V
TPC 2. Input Offset Voltage Drift Distribution
TEMPERATURE ( C)
0
0.25
1.50
40
25
85
0.50
0.75
1.00
1.25
VCM = VS/2
VS = 16V
VS = 4.5V
TPC 3. Input Offset Voltage vs. Temperature
TEMPERATURE ( C)
0
50
350
40
25
85
150
200
250
300
VCM = VS/2
VS = 16V
VS = 4.5V
100
TPC 4. Input Bias Current vs. Temperature
TEMPERATURE ( C)
5
5
40
25
85
2
3
4
VS = 16V
VS = 4.5V
1
4
3
2
1
0
TPC 5. Input Offset Current vs. Temperature
TEMPERATURE ( C)
15.96
15.86
40
25
85
15.89
15.88
15.87
VS = 16V
VS = 4.5V
15.90
15.95
15.94
15.93
15.92
15.91
ILOAD = 5mA
4.46
4.36
4.39
4.38
4.37
4.40
4.45
4.44
4.43
4.42
4.41
TPC 6. Output Voltage Swing vs. Temperature
–Typical Performance Characteristics


Similar Part No. - AD8568_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8568ART AD-AD8568ART Datasheet
127Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. A
AD8568ART-R2 AD-AD8568ART-R2 Datasheet
139Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8568ART-REEL AD-AD8568ART-REEL Datasheet
139Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8568ART-REEL7 AD-AD8568ART-REEL7 Datasheet
139Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8568 AD-AD8568_03 Datasheet
139Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. C
More results

Similar Description - AD8568_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8569 AD-AD8569_15 Datasheet
140Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8570 AD-AD8570_15 Datasheet
140Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8568 AD-AD8568_03 Datasheet
139Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8568 AD-AD8568 Datasheet
127Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. A
AD8566 AD-AD8566_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8565 AD-AD8565_06 Datasheet
346Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8565 AD-AD8565_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8567 AD-AD8567_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8565 AD-AD8565 Datasheet
152Kb / 12P
   16 V Rail-to-Rail Operational Amplifiers
REV. A
AD8565 AD-AD8565_17 Datasheet
334Kb / 13P
   16 V Rail-to-Rail Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com