Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSYE923A0D Datasheet(PDF) 1 Page - Intersil Corporation

Part # FSYE923A0D
Description  Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSYE923A0D Datasheet(HTML) 1 Page - Intersil Corporation

  FSYE923A0D Datasheet HTML 1Page - Intersil Corporation FSYE923A0D Datasheet HTML 2Page - Intersil Corporation FSYE923A0D Datasheet HTML 3Page - Intersil Corporation FSYE923A0D Datasheet HTML 4Page - Intersil Corporation FSYE923A0D Datasheet HTML 5Page - Intersil Corporation FSYE923A0D Datasheet HTML 6Page - Intersil Corporation FSYE923A0D Datasheet HTML 7Page - Intersil Corporation FSYE923A0D Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
TM
File Number
4773.1
FSYE923A0D, FSYE923A0R
Radiation Hardened, SEGR Resistant
P-Channel Power MOSFETs
The Discrete Products Operation of Intersil Corporation has
developed a series of Radiation Hardened MOSFETs
specifically designed for commercial and military space
applications. Enhanced Power MOSFET immunity to Single
Event Effects (SEE), Single Event Gate Rupture (SEGR) in
particular, is combined with 100K RADs of total dose
hardness to provide devices which are ideally suited to harsh
space environments. The dose rate and neutron tolerance
necessary for military applications have not been sacrificed.
The Intersil portfolio of SEGR resistant radiation hardened
MOSFETs includes N-Channel and P-Channel devices in a
variety of voltage, current and on-resistance ratings.
Numerous packaging options are also available.
This MOSFET is an enhancement-mode silicon-gate power
field-effect transistor of the vertical DMOS (VDMOS)
structure. It is specially designed and processed to be
radiation tolerant. The MOSFET is well suited for
applications exposed to radiation environments such as
switching regulation, switching converters, motor drives,
relay drivers and drivers for high-power bipolar switching
transistors requiring high speed and low gate drive power.
This type can be operated directly from integrated circuits.
Reliability screening is available as either commercial, TXV
equivalent of MIL-S-19500, or Space equivalent of
MIL-S-19500. Contact Intersil Corporation for any desired
deviations from the data sheet.
Formerly available as type TA17797.
Features
• 6A, -200V, rDS(ON) = 0.650Ω
• Total Dose
- Meets Pre-RAD Specifications to 100K RAD (Si)
• Single Event
- Safe Operating Area Curve for Single Event Effects
- SEE Immunity for LET of 36MeV/mg/cm2 with
VDS up to 80% of Rated Breakdown and
VGS of 10V Off-Bias
• Dose Rate
- Typically Survives 3E9 RAD (Si)/s at 80% BVDSS
- Typically Survives 2E12 if Current Limited to IDM
• Photo Current
- 3.0nA Per-RAD (Si)/s Typically
• Neutron
- Maintain Pre-RAD Specifications
for 1E13 Neutrons/cm2
- Usable to 1E14 Neutrons/cm2
Symbol
Packaging
SMD.5
Ordering Information
RAD LEVEL
SCREENING LEVEL
PART NUMBER/BRAND
10K
Commercial
FSYE923A0D1
10K
TXV
FSYE923A0D3
100K
Commercial
FSYE923A0R1
100K
TXV
FSYE923A0R3
100K
Space
FSYE923A0R4
G
D
S
Data Sheet
June 2000
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Corporation. | Copyright
© Intersil Corporation 2000


Similar Part No. - FSYE923A0D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSYE913A0D INTERSIL-FSYE913A0D Datasheet
73Kb / 9P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
February 2000
FSYE913A0D1 INTERSIL-FSYE913A0D1 Datasheet
73Kb / 9P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
February 2000
FSYE913A0D3 INTERSIL-FSYE913A0D3 Datasheet
73Kb / 9P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
February 2000
FSYE913A0R INTERSIL-FSYE913A0R Datasheet
73Kb / 9P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
February 2000
FSYE913A0R1 INTERSIL-FSYE913A0R1 Datasheet
73Kb / 9P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
February 2000
More results

Similar Description - FSYE923A0D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSTJ9055D INTERSIL-FSTJ9055D Datasheet
72Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
June 2000
FSYE913A0D INTERSIL-FSYE913A0D Datasheet
73Kb / 9P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
February 2000
FSYC9160D INTERSIL-FSYC9160D Datasheet
61Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
July 1998
FSTYC9055D INTERSIL-FSTYC9055D Datasheet
74Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
June 2000
FSYA9150D INTERSIL-FSYA9150D Datasheet
56Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
October 1998
FSYC9055D INTERSIL-FSYC9055D Datasheet
51Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
July 1999
FSJ163D INTERSIL-FSJ163D Datasheet
56Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
FSYC055D INTERSIL-FSYC055D Datasheet
49Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
July 1998
FSYE430D INTERSIL-FSYE430D Datasheet
58Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
FSYA450D INTERSIL-FSYA450D Datasheet
56Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
March 1999
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com