Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8527 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8527
Description  Low Voltage Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8527 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8527_15 Datasheet HTML 3Page - Analog Devices AD8527_15 Datasheet HTML 4Page - Analog Devices AD8527_15 Datasheet HTML 5Page - Analog Devices AD8527_15 Datasheet HTML 6Page - Analog Devices AD8527_15 Datasheet HTML 7Page - Analog Devices AD8527_15 Datasheet HTML 8Page - Analog Devices AD8527_15 Datasheet HTML 9Page - Analog Devices AD8527_15 Datasheet HTML 10Page - Analog Devices AD8527_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD8517/AD8527
–7–
REV. B
FREQUENCY – Hz
10
1k
1M
120
20
40
60
80
0
100
10k
100k
10M
100
PSRR
VS = 2.5V
TA = 25 C
PSRR
Figure 9. PSRR vs. Frequency
VS = 5V
VCM = 2.5V
RL = 10k
TA = 25 C
VIN = 50mV
AV = 1
CAPACITANCE – pF
60
50
0
10
1k
100
30
20
10
40
OS
+OS
Figure 10. Overshoot vs. Capacitance Load
FREQUENCY – Hz
6
5
0
10k
10M
100k
1M
3
2
1
4
DISTORTION = 3%
VS = 5V
AV = +1
RL = 10k
TA = 25 C
CL = 15pF
Figure 11. Output Swing vs. Frequency
FREQUENCY – Hz
10
100M
1k
1M
0
80
60
40
100
100
10k
100k
10M
VS = 5V
TA = 25 C
10
20
30
50
70
90
AVCC = 10
AVCC = 1
Figure 12. Output Impedance vs. Frequency
FREQUENCY – Hz
50
0
10
10k
100
1k
40
30
20
10
VS = 5V
TA = 25 C
Figure 13. Voltage Noise Density vs. Frequency
FREQUENCY – Hz
12
0
10
10k
100
1k
8
4
VS = 5V
TA = 25 C
Figure 14. Current Noise Density vs. Frequency


Similar Part No. - AD8527_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8527AR AD-AD8527AR Datasheet
160Kb / 12P
   7 MHz Rail-to-Rail Low Voltage Operational Amplifiers
REV. B
AD8527ARM-REEL AD-AD8527ARM-REEL Datasheet
160Kb / 12P
   7 MHz Rail-to-Rail Low Voltage Operational Amplifiers
REV. B
More results

Similar Description - AD8527_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8517 AD-AD8517_15 Datasheet
161Kb / 12P
   Low Voltage Operational Amplifiers
REV. B
logo
Holtek Semiconductor In...
HT9251 HOLTEK-HT9251 Datasheet
1Mb / 15P
   Low Voltage Operational Amplifiers
logo
Texas Instruments
TLV2322 TI-TLV2322 Datasheet
502Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
MC33272 UTC-MC33272 Datasheet
165Kb / 6P
   VOLTAGE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2361 TI1-TLV2361_16 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
LM2902LV TI1-LM2902LV Datasheet
1Mb / 34P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
LM2902LV TI1-LM2902LV_19 Datasheet
2Mb / 40P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
logo
Rohm
BA8522RF ROHM-BA8522RF Datasheet
171Kb / 5P
   LOW OFFSET VOLTAGE DUAL OPERATIONAL AMPLIFIERS
BU7261G ROHM-BU7261G Datasheet
721Kb / 33P
   Low Voltage Operation CMOS Operational Amplifiers
logo
Texas Instruments
TLV2361 TI-TLV2361 Datasheet
274Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com