Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1746 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1746
Description  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1746 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1746_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1746_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SD1746_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
2SD1746
Typical Characterisitics
PC
I
a
T
C — VCE
VCE(sat) — IC
VBE(sat) — IC
hFE — IC
fT — IC
Cob — VCB
ton, tstg, tf — IC
Area of safe operation (ASO)
0
6
1
0
40
120
80
140
20
100
60
0
20
15
5
10
(1) TC=Ta
(2) Without heat sink
(PC=1.3W)
(1)
(2)
Ambient temperature Ta (˚C)
6
0
5
4
1
3
2
0
6
5
4
3
2
1
IB=100mA
70mA
50mA
40mA
30mA
20mA
10mA
TC=25˚C
Collector to emitter voltage VCE (V)
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
IC/IB=20
TC=100˚C
25˚C
–25˚C
Collector current IC (A)
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
IC/IB=20
TC=–25˚C
25˚C
100˚C
Collector current IC (A)
0.01
0.1
1
10
0.03
0.3
3
1
3
10
30
100
300
1000
3000
10000
VCE=2V
TC=100˚C
25˚C
–25˚C
Collector current IC (A)
0.01
0.1
1
10
0.03
0.3
3
1
3
10
30
100
300
1000
3000
10000
VCE=10V
f=10MHz
TC=25˚C
Collector current IC (A)
0.1
1
10
100
0.3
3
30
1
3
10
30
100
300
1000
3000
10000
IE=0
f=1MHz
TC=25˚C
Collector to base voltage VCB (V)
5
0
4
1
3
2
0.01
0.03
0.1
0.3
1
3
10
30
100
Pulsed tw=1ms
Duty cycle=1%
IC/IB=10 (IB1=–IB2)
VCC=50V
TC=25˚C
tstg
tf
ton
Collector current IC (A)
1
10
100
1000
3
30
300
0.01
0.03
0.1
0.3
1
3
10
30
100
Non repetitive pulse
TC=25˚C
ICP
IC
t=10ms
1ms
300ms
Collector to emitter voltage VCE (V)


Similar Part No. - 2SD1746_15

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1746 PANASONIC-2SD1746 Datasheet
58Kb / 3P
   Silicon NPN epitaxial planar type(For power switching)
More results

Similar Description - 2SD1746_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com