Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1618-S Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1618-S
Description  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1618-S Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1618-S Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1618-S Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SD1618-S Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
NPN Transistors
2SD1618
Features
Low collector-to-emitter saturation voltage.
Very small size making it easy to provide highdensity,
small-sized hybrid IC’s.
Complementary to 2SB1118
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
20
Collector - Emitter Voltage
VCEO
15
Emitter - Base Voltage
VEBO
5
Collector Current - Continuous
IC
0.7
Collector Current - Pulse
ICP
1.5
Collector Power Dissipation
0.5
(Note.1)
1.3
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
A
PC
W
Note.1:Mounted on ceramic board (250mm ×0.8mm)
2
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 uA, IE= 0
20
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA,RBE= ∞
15
Emitter - base breakdown voltage
VEBO
IE= 100 uA, IC= 0
5
Collector-base cut-off current
ICBO
VCB= 15 V , IE= 0
0.1
Emitter cut-off current
IEBO
VEB= 4V , IC=0
0.1
IC=5 mA, IB=0.5 mA
10
25
IC=100 mA, IB=10 mA
30
80
Base - emitter saturation voltage
VBE(sat) IC=100 mA, IB=10 mA
0.8
1.2
V
VCE= 2V, IC= 50 mA
140
560
VCE= 2V, IC= 500 mA
60
Collector output capacitance
Cob
VCB= 10V, IE= 0,f=1MHz
8
pF
Transition frequency
fT
VCE= 10V, IC= 50mA
250
MHz
V
uA
DC current gain
hFE
Collector-emitter saturation voltage
VCE(sat)
mV
Classification of hfe(1)
Type
2SD1618-S
2SD1618-T
2SD1618-U
Range
140-280
200-400
280-560
Marking
DA S*
DA T*
DA U*


Similar Part No. - 2SD1618-S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1618 SANYO-2SD1618 Datasheet
85Kb / 3P
   Low-Voltage, High-Current Amp, Muting Applications
logo
Guangdong Kexin Industr...
2SD1618 KEXIN-2SD1618 Datasheet
52Kb / 2P
   PNP Epitaxial Planar Silicon Transistors
logo
Sanyo Semicon Device
2SD1618 SANYO-2SD1618 Datasheet
181Kb / 3P
   Low-Voltage High-Current Amplifier, Muting Applications
logo
ON Semiconductor
2SD1618 ONSEMI-2SD1618 Datasheet
272Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat), NPN Single PCP
September, 2013
2SD1618S-TD-E ONSEMI-2SD1618S-TD-E Datasheet
272Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat), NPN Single PCP
September, 2013
More results

Similar Description - 2SD1618-S

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com