Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSS430D Datasheet(PDF) 6 Page - Intersil Corporation

Part # FSS430D
Description  3A, 500V, 2.70 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSS430D Datasheet(HTML) 6 Page - Intersil Corporation

  FSS430D Datasheet HTML 1Page - Intersil Corporation FSS430D Datasheet HTML 2Page - Intersil Corporation FSS430D Datasheet HTML 3Page - Intersil Corporation FSS430D Datasheet HTML 4Page - Intersil Corporation FSS430D Datasheet HTML 5Page - Intersil Corporation FSS430D Datasheet HTML 6Page - Intersil Corporation FSS430D Datasheet HTML 7Page - Intersil Corporation FSS430D Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
3-94
Screening Information
Screening is performed in accordance with the latest revision in effect of MIL-S-19500, (Screening Information Table).
Delta Tests and Limits (JANTXV Equivalent, JANS Equivalent) TC = 25oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MAX
UNITS
Gate to Source Leakage Current
IGSS
VGS = ±20V
±20 (Note 7)
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 80% Rated Value
±25 (Note 7)
µA
Drain to Source On Resistance
rDS(ON)
TC = 25
oC at Rated I
D
±20% (Note 8)
Gate Threshold Voltage
VGS(TH)
ID = 1.0mA
±20% (Note 8)
V
NOTES:
7. Or 100% of Initial Reading (whichever is greater).
8. Of Initial Reading.
Screening Information
TEST
JANTXV EQUIVALENT
JANS EQUIVALENT
Gate Stress
VGS = 30V, t = 250µsVGS = 30V, t = 250µs
Pind
Optional
Required
Pre Burn-In Tests (Note 9)
MIL-S-19500 Group A,
Subgroup 2 (All Static Tests at 25oC)
MIL-S-19500 Group A,
Subgroup 2 (All Static Tests at 25oC)
Steady State Gate
Bias (Gate Stress)
MIL-STD-750, Method 1042, Condition B
VGS = 80% of Rated Value,
TA = 150
oC, Time = 48 hours
MIL-STD-750, Method 1042, Condition B
VGS = 80% of Rated Value,
TA = 150
oC, Time = 48 hours
Interim Electrical Tests (Note 9)
All Delta Parameters Listed in the Delta Tests
and Limits Table
All Delta Parameters Listed in the Delta Tests
and Limits Table
Steady State Reverse
Bias (Drain Stress)
MIL-STD-750, Method 1042, Condition A
VDS = 80% of Rated Value,
TA = 150
oC, Time = 160 hours
MIL-STD-750, Method 1042, Condition A
VDS = 80% of Rated Value,
TA = 150
oC, Time = 240 hours
PDA
10%
5%
Final Electrical Tests (Note 9)
MIL-S-19500, Group A, Subgroup 2
MIL-S-19500, Group A,
Subgroups 2 and 3
NOTE:
9. Test limits are identical pre and post burn-in.
Additional Screening Tests
PARAMETER
SYMBOL
TEST CONDITIONS
MAX
UNITS
Safe Operating Area
SOA
VDS = 200V, t = 10ms
0.63
A
Unclamped Inductive Switching
IAS
VGS(PEAK) = 15V, L = 0.1mH
9
A
Thermal Response
∆VSD
tH = 100ms; VH = 25V; IH = 1A
90
mV
Thermal Impedance
∆VSD
tH = 500ms; VH = 25V; IH = 1A
125
mV
FSS430D, FSS430R


Similar Part No. - FSS430D

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FSS SCHURTER-FSS Datasheet
532Kb / 3P
   AC Filter 2-Stage, Very High Symmetrical Attenuation
FSS SCHURTER-FSS Datasheet
444Kb / 4P
   AC Filter 2-Stage, Very High Symmetrical Attenuationl
logo
Heyco.
FSS HEYCO-FSS Datasheet
132Kb / 1P
   Break-Away Bumpers
logo
Festo Corporation.
FSS-12-C FESTO-FSS-12-C Datasheet
76Kb / 1P
   Quickstepper
logo
Honeywell Solid State E...
FSS-SMT HONEYWELL-FSS-SMT Datasheet
213Kb / 6P
   Low Profile Force Sensor
More results

Similar Description - FSS430D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSL430D INTERSIL-FSL430D Datasheet
46Kb / 8P
   2A, 500V, 2.50 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSF450D INTERSIL-FSF450D Datasheet
45Kb / 8P
   9A, 500V, 0.600 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
JANSR2N7402 INTERSIL-JANSR2N7402 Datasheet
45Kb / 8P
   3A, 500V, 2.70 Ohm, Rad Hard, N-Channel Power MOSFET
FSL9230D INTERSIL-FSL9230D Datasheet
46Kb / 8P
   3A, -200V, 1.50 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSL230D INTERSIL-FSL230D Datasheet
45Kb / 8P
   5A, 200V, 0.460 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ264D INTERSIL-FSJ264D Datasheet
48Kb / 9P
   33A, 250V, 0.080 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL130D INTERSIL-FSL130D Datasheet
45Kb / 8P
   8A, 100V, 0.230 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS230D INTERSIL-FSS230D Datasheet
46Kb / 8P
   8A, 200V, 0.440 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FRS430D INTERSIL-FRS430D Datasheet
49Kb / 6P
   3A, 500V, 2.52 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FSJ260D INTERSIL-FSJ260D Datasheet
46Kb / 8P
   44A, 200V, 0.050 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com