Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSS230D Datasheet(PDF) 4 Page - Intersil Corporation

Part No. FSS230D
Description  8A, 200V, 0.440 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSS230D Datasheet(HTML) 4 Page - Intersil Corporation

  FSS230D Datasheet HTML 1Page - Intersil Corporation FSS230D Datasheet HTML 2Page - Intersil Corporation FSS230D Datasheet HTML 3Page - Intersil Corporation FSS230D Datasheet HTML 4Page - Intersil Corporation FSS230D Datasheet HTML 5Page - Intersil Corporation FSS230D Datasheet HTML 6Page - Intersil Corporation FSS230D Datasheet HTML 7Page - Intersil Corporation FSS230D Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3-80
FIGURE 3. MAXIMUM CONTINUOUS DRAIN CURRENT vs
TEMPERATURE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. BASIC GATE CHARGE WAVEFORM
FIGURE 6. NORMALIZED rDS(ON) vs JUNCTION TEMPERATURE
FIGURE 7. NORMALIZED MAXIMUM TRANSIENT THERMAL RESPONSE
Typical Performance Curves Unless Otherwise Specified (Continued)
150
100
50
0
-50
0
10
8
6
4
2
TC, CASE TEMPERATURE (
oC)
10
1
1
0.1
VDS, DRAIN TO SOURCE VOLTAGE (V)
10
100
50
600
OPERATION IN THIS
100
µs
AREA MAY BE
LIMITED BY rDS(ON)
1ms
10ms
100ms
TC = 25
oC
CHARGE
QGD
QG
VG
QGS
12V
2.5
2.0
1.5
1.0
0.5
0.0
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
PULSE DURATION = 250ms, VGS = 12V, ID = 5A
1
10-5
10-4
10-3
10-2
10-1
100
101
t, RECTANGULAR PULSE DURATION (s)
0.001
0.01
0.1
10
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC + TC
PDM
t1
t2
SINGLE PULSE
0.02
0.1
0.05
0.5
0.2
0.01
FSS230D, FSS230R


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn