Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8354 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8354
Description  1 MHz to 2.7 GHz RF Gain Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8354 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8354_15 Datasheet HTML 5Page - Analog Devices AD8354_15 Datasheet HTML 6Page - Analog Devices AD8354_15 Datasheet HTML 7Page - Analog Devices AD8354_15 Datasheet HTML 8Page - Analog Devices AD8354_15 Datasheet HTML 9Page - Analog Devices AD8354_15 Datasheet HTML 10Page - Analog Devices AD8354_15 Datasheet HTML 11Page - Analog Devices AD8354_15 Datasheet HTML 12Page - Analog Devices AD8354_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
AD8354
Rev. E | Page 9 of 16
FREQUENCY (MHz)
4.0
500
1000
NF AT 3.3V
NF AT 3.0V
NF AT 2.7V
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
6.0
2000
2500
1500
3000
0
Figure 15. Noise Figure vs. Frequency, VS = 2.7 V, 3 V, and 3.3 V, TA = 25°C
NOISE FIGURE (dB)
0
4.70
25
20
15
10
5
30
35
40
4.75 4.80 4.85 4.90 4.95 5.00 5.05 5.10 5.15 5.20 5.25
Figure 16. Distribution of Noise Figure, VS = 3 V, TA = 25°C, f = 2.2 GHz
180
150
120
90
60
30
0
330
300
270
240
210
Figure 17. S11 vs. Frequency, VS = 5 V, TA = 25°C, 100 MHz ≤ f ≤ 3 GHz
FREQUENCY (MHz)
3.0
500
1500
3.5
4.0
4.5
5.0
5.5
6.5
6.0
1000
2500
2000
3000
0
NF AT +85°C
NF AT +25°C
NF AT –40°C
Figure 18. Noise Figure vs. Frequency, VS = 3 V, TA = −40°C, +25°C, and +85°C
TEMPERATURE (°C)
0
–60
5
10
15
20
25
30
–40
–20
0
20
40
60
80
100
IS AT 3.0V
IS AT 2.7V
IS AT 3.3V
Figure 19. Supply Current vs. Temperature, VS = 2.7 V, 3 V, and 3.3 V
180
150
120
90
60
30
0
330
300
270
240
210
Figure 20. S22 vs. Frequency, VS = 5 V, TA = 25°C, 100 MHz ≤ f ≤ 3 GHz


Similar Part No. - AD8354_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8354 AD-AD8354_17 Datasheet
364Kb / 16P
   RF Gain Block
More results

Similar Description - AD8354_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8354 AD-AD8354_05 Datasheet
363Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. C
AD8353 AD-AD8353_05 Datasheet
349Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. B
AD8353 AD-AD8353_15 Datasheet
328Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8354 AD-AD8354 Datasheet
275Kb / 16P
   100 MHz-2.7 GHz RF Gain Block
REV. A
AD8353 AD-AD8353 Datasheet
198Kb / 12P
   100 MHz-2.7 GHz RF Gain Block
REV. 0
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5611 AD-ADL5611 Datasheet
239Kb / 8P
   30 MHz to 6 GHz RF/IF Gain Block
Rev. PrA
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
logo
Texas Instruments
TRF37A73 TI1-TRF37A73 Datasheet
976Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com