Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8348 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8348
Description  50 MHz to 1000 MHz Quadrature Demodulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8348 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8348_15 Datasheet HTML 7Page - Analog Devices AD8348_15 Datasheet HTML 8Page - Analog Devices AD8348_15 Datasheet HTML 9Page - Analog Devices AD8348_15 Datasheet HTML 10Page - Analog Devices AD8348_15 Datasheet HTML 11Page - Analog Devices AD8348_15 Datasheet HTML 12Page - Analog Devices AD8348_15 Datasheet HTML 13Page - Analog Devices AD8348_15 Datasheet HTML 14Page - Analog Devices AD8348_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD8348
Rev. A | Page 11 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
VGA AND DEMODULATOR
VGIN (V)
0.2
0.3
0.4
–20
–5
–10
–15
10
5
0
30
25
20
15
–6
–3
–4
–5
0
–1
–2
4
3
2
1
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
T = –40°C, VPOS = 5V, FREQ = 380MHz
LINERR T = +85°C, VPOS = 5V, FREQ = 380MHz
LINERR T = +25°C, VPOS = 5V, FREQ = 380MHz
LINERR T = –40°C, VPOS = 5V, FREQ = 380MHz
T = +25°C, VPOS = 5V, FREQ = 380MHz
T = +85°C, VPOS = 5V, FREQ = 380MHz
Figure 12. Mixer Gain and Linearity Error vs. VGIN, VPOS = 5 V, FIF = 380 MHz,
FBB = 1 MHz, Temperature = −40°C, +25°C, +85°C
VGIN (V)
0.2
0.3
0.4
–25
–10
–15
–20
5
0
–5
25
20
15
10
–6
–3
–4
–5
0
–1
–2
4
3
2
1
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
T = –40°C, VPOS = 5V, FREQ = 900MHz
T = +85°C, VPOS = 5V,
FREQ = 900MHz
LINERR T = +85°C, VPOS = 5V, FREQ = 900MHz
LINERR T = +25°C, VPOS = 5V, FREQ = 900MHz
LINERR T = –40°C, VPOS = 5V,
FREQ = 900MHz
T = +25°C, VPOS = 5V, FREQ = 900MHz
Figure 13. Mixer Gain and Linearity Error vs. VGIN, VPOS = 5 V, FIF = 900 MHz,
FBB = 1 MHz, Temperature = −40°C, +25°C, +85°C
VGIN (V)
0.2
0.3
0.4
–20
–5
–10
–15
10
5
0
30
25
20
15
–6
–3
–4
–5
0
–1
–2
4
3
2
1
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
T = –40°C, VPOS = 2.7V, FREQ = 380MHz
T = +85°C, VPOS = 2.7V,
FREQ = 380MHz
LINERR T = +85°C, VPOS = 2.7V, FREQ = 380MHz
LINERR T = –40°C, VPOS = 2.7V,
FREQ = 380MHz
T = +25°C, VPOS = 2.7V, FREQ = 380MHz
LINERR T = +25°C, VPOS = 2.7V, FREQ = 380MHz
Figure 14. Mixer Gain and Linearity Error vs. VGIN, VPOS = 2.7 V, FIF = 380 MHz,
FBB = 1 MHz, Temperature = −40°C, +25°C, +85°C
VGIN (V)
0.2
0.3
0.4
–25
–10
–15
–20
5
0
–5
25
20
15
10
–6
–3
–4
–5
0
–1
–2
4
3
2
1
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
T = –40°C, VPOS = 2.7V, FREQ = 900MHz
T = +85°C, VPOS = 2.7V,
FREQ = 900MHz
LINERR T = +85°C, VPOS = 2.7V, FREQ = 900MHz
LINERR T = +25°C, VPOS = 2.7V, FREQ = 900MHz
LINERR T = –40°C, VPOS = 2.7V,
FREQ = 900MHz
T = +25°C, VPOS = 2.7V, FREQ = 900MHz
Figure 15. Mixer Gain and Linearity Error vs. VGIN, VPOS = 2.7 V, FIF = 900 MHz,
FBB = 1 MHz, Temperature = −40°C, +25°C, +85°C
IF FREQUENCY (MHz)
100
18
20
22
24
26
28
200
300
400
500
600
700
800
900
1000
2.7V, 0.2V, –40°C
5V, 0.2V, –40°C
2.7V, 0.2V, +25°C
5V, 0.2V, +25°C
2.7V, 0.2V, +85°C
5V, 0.2V, +85°C
Figure 16. Gain vs. FIF, VGIN = 0.2 V, FBB = 1 MHz,
Temperature = −40°C, +25°C, +85°C
IF FREQUENCY (MHz)
100
–30
–25
–20
–15
200
300
400
500
600
700
800
900
1000
5V, 1.2V, –40°C
2.7V, 1.2V, –40°C
2.7V, 1.2V, +25°C
5V, 1.2V, +25
2.7V, 1.2V, +85 °C
5V, 1.2V, +85 °C
°C
Figure 17. Gain vs. FIF, VGIN = 1.2 V, FBB = 1 MHz,
Temperature = −40°C, +25°C, +85°C


Similar Part No. - AD8348_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8348-EVAL AD-AD8348-EVAL Datasheet
778Kb / 13P
   50-1000 MHz Quadrature Demodulator
Rev. PrF 2/11/03
AD8348ARUZ AD-AD8348ARUZ Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8348ARUZ-REEL7 AD-AD8348ARUZ-REEL7 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8348XXX AD-AD8348XXX Datasheet
778Kb / 13P
   50-1000 MHz Quadrature Demodulator
Rev. PrF 2/11/03
More results

Similar Description - AD8348_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8348ARUZ-REEL7 AD-AD8348ARUZ-REEL7 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8348ARUZ AD-AD8348ARUZ Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8348 AD-AD8348 Datasheet
778Kb / 13P
   50-1000 MHz Quadrature Demodulator
Rev. PrF 2/11/03
logo
TEMIC Semiconductors
U2791B TEMIC-U2791B Datasheet
257Kb / 11P
   1000 MHz Quadrature Demodulator
logo
ATMEL Corporation
U2794B ATMEL-U2794B_08 Datasheet
923Kb / 15P
   1000-MHz Quadrature Demodulator
U2794B ATMEL-U2794B Datasheet
290Kb / 15P
   1000 MHZ QUADRATURE DEMODULATOR
logo
TEMIC Semiconductors
U2794B TEMIC-U2794B Datasheet
258Kb / 11P
   1000 MHz Quadrature Demodulator
logo
Analog Devices
ADL5387 AD-ADL5387 Datasheet
761Kb / 28P
   50 MHz to 2 GHz Quadrature Demodulator
REV. 0
AD8345 AD-AD8345_15 Datasheet
1,020Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
ADL5370 AD-ADL5370 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com