Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8343 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8343
Description  DC-to-2.5 GHz High IP3 Active Mixer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8343 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8343_15 Datasheet HTML 7Page - Analog Devices AD8343_15 Datasheet HTML 8Page - Analog Devices AD8343_15 Datasheet HTML 9Page - Analog Devices AD8343_15 Datasheet HTML 10Page - Analog Devices AD8343_15 Datasheet HTML 11Page - Analog Devices AD8343_15 Datasheet HTML 12Page - Analog Devices AD8343_15 Datasheet HTML 13Page - Analog Devices AD8343_15 Datasheet HTML 14Page - Analog Devices AD8343_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD8343
Rev. B | Page 11 of 32
fIN = 2400 MHz, fOUT = 170 MHz, fLO = 2230 MHz, see Figure 72, Table 6, and Table 8.
0
7.0
6.8
7.6
6.6
6.4
6.2
6.0
5.8
7.4
7.2
CONVERSION GAIN (dB)
25
5
20
15
10
30
35
40
MEAN: 6.79dB
Figure 25. Gain Histogram; fIN = 2400 MHz, fOUT = 170 MHz
0
15.6
13.0 13.2 13.4 13.6 13.8 14.0 14.2 14.4 14.6 14.8 15.0 15.2 15.4
INPUT IP3 (dBm)
25
5
20
15
10
30
35
MEAN: 14.46dBm
Figure 26. Input IP3 Histogram; fIN = 2400 MHz, fOUT = 170 MHz
0
1.90
1.95
2.00
2.05
2.10
2.15
2.20
2.25
2.30
2.35
2.40
INPUT 1dB COMPRESSION POINT (dBm)
25
5
20
15
10
30
45
40
35
INPUT: 2.11dBm
Figure 27. Input 1 dB Compression Point Histogram; fIN = 2400 MHz,
fOUT = 170 MHz
10
4
5
6
7
8
9
60
40
20
0
–20
–40
80
TEMPERATURE (°C)
Figure 28. Gain Performance Over Temperature; fIN = 2400 MHz,
fOUT = 170 MHz
60
40
20
0
–20
–40
80
TEMPERATURE (°C)
18
17
10
11
12
13
14
15
16
Figure 29. Input IP3 Performance Over Temperature; fIN = 2400 MHz,
fOUT = 170 MHz
60
40
20
0
–20
–40
80
TEMPERATURE (°C)
3.0
0
0.5
1.0
1.5
2.0
2.5
Figure 30. Input 1 dB Compression Point Performance Over Temperature;
fIN = 2400 MHz, fOUT = 170 MHz


Similar Part No. - AD8343_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8343-EVAL AD-AD8343-EVAL Datasheet
394Kb / 27P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. 0
AD8343ARU AD-AD8343ARU Datasheet
394Kb / 27P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. 0
AD8343ARU-REEL AD-AD8343ARU-REEL Datasheet
394Kb / 27P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. 0
AD8343ARU-REEL7 AD-AD8343ARU-REEL7 Datasheet
394Kb / 27P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. 0
AD8343ARUZ AD-AD8343ARUZ Datasheet
2Mb / 32P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. B
More results

Similar Description - AD8343_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8343ARUZ AD-AD8343ARUZ Datasheet
2Mb / 32P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. B
AD8343 AD-AD8343 Datasheet
394Kb / 27P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. 0
ADL5801 AD-ADL5801 Datasheet
402Kb / 20P
   High IP3, 10 MHz to 6 GHz, Active Mixer
REV. A
ADL5802 AD-ADL5802_09 Datasheet
790Kb / 32P
   Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
REV. 0
logo
Qorvo, Inc
CMD253C3 QORVO-CMD253C3 Datasheet
243Kb / 11P
   6-14 GHz High IP3 Fundamental Mixer
logo
Custom MMIC Design Serv...
CMD253C3 MMIC-CMD253C3 Datasheet
243Kb / 11P
   6-14 GHz High IP3 Fundamental Mixer
logo
Qorvo, Inc
CMD254C3 QORVO-CMD254C3 Datasheet
247Kb / 11P
   11-21 GHz High IP3 Fundamental Mixer
logo
Analog Devices
ADL5802 AD-ADL5802 Datasheet
376Kb / 8P
   Dual Channel High-IP3 100MHz-6GHz Active Mixer
REV. PrA
logo
Custom MMIC Design Serv...
CMD255C3 MMIC-CMD255C3 Datasheet
245Kb / 11P
   16-26 GHz High IP3 Fundamental Mixer
logo
Qorvo, Inc
CMD255C3 QORVO-CMD255C3 Datasheet
245Kb / 11P
   16-26 GHz High IP3 Fundamental Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com