Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSPL230R Datasheet(PDF) 2 Page - Intersil Corporation

Part # FSPL230R
Description  Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSPL230R Datasheet(HTML) 2 Page - Intersil Corporation

  FSPL230R Datasheet HTML 1Page - Intersil Corporation FSPL230R Datasheet HTML 2Page - Intersil Corporation FSPL230R Datasheet HTML 3Page - Intersil Corporation FSPL230R Datasheet HTML 4Page - Intersil Corporation FSPL230R Datasheet HTML 5Page - Intersil Corporation FSPL230R Datasheet HTML 6Page - Intersil Corporation FSPL230R Datasheet HTML 7Page - Intersil Corporation FSPL230R Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4-2
Absolute Maximum Ratings TC = 25oC, Unless Otherwise Specified
FSPL230R, FSPL230F
UNITS
Drain to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VDS
200
V
Drain to Gate Voltage (RGS = 20kΩ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
200
V
Continuous Drain Current
TC = 25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I
D
9A
TC = 100
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .I
D
5A
Pulsed Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
29
A
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VGS
±30
V
Maximum Power Dissipation
TC = 25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . P
T
25
W
TC = 100
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .P
T
10
W
Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.20
W/oC
Single Pulsed Avalanche Current, L = 100
µH (See Test Figure) . . . . . . . . . . . . . . . . . . . . . . . . . IAS
29
A
Continuous Source Current (Body Diode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IS
9A
Pulsed Source Current (Body Diode). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ISM
29
A
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 150
oC
Lead Temperature (During Soldering) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
(Distance >0.063in (1.6mm) from Case, 10s Max)
300
oC
Weight (Typical)
1.0 (Typical)
g
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 1mA, VGS = 0V
200
-
-
V
Gate Threshold Voltage
VGS(TH)
VGS = VDS,
ID = 1mA
TC = -55
oC
-
-
5.5
V
TC = 25
oC
2.0
-
4.5
V
TC = 125
oC
1.0
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS = 160V,
VGS = 0V
TC = 25
oC-
-
25
µA
TC = 125
oC
-
-
250
µA
Gate to Source Leakage Current
IGSS
VGS = ±30V
TC = 25
oC
-
-
100
nA
TC = 125
oC
-
-
200
nA
Drain to Source On-State Voltage
VDS(ON)
VGS = 12V, ID = 9A
-
-
1.58
V
Drain to Source On Resistance
rDS(ON)12
ID = 5A,
VGS = 12V
TC = 25
oC
-
0.145
0.170
TC = 125
oC
-
-
0.313
Turn-On Delay Time
td(ON)
VDD = 100V, ID = 9A,
RL = 11Ω, VGS = 12V,
RGS = 7.5Ω
-
-
20
ns
Rise Time
tr
-
-
40
ns
Turn-Off Delay Time
td(OFF)
-
-
35
ns
Fall Time
tf
-
-
15
ns
Total Gate Charge
Qg(12)
VGS = 0V to 12V
VDD = 100V,
ID = 9A
-30
33
nC
Gate Charge Source
Qgs
-10
12
nC
Gate Charge Drain
Qgd
-
8
10
nC
Gate Charge at 20V
Qg(20)
VGS = 0V to 20V
-
45
-
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to 2V
-
3
-
nC
Plateau Voltage
V(PLATEAU) ID = 9A, VDS = 15V
-
6.5
-
V
Input Capacitance
CISS
VDS = 25V, VGS = 0V,
f = 1MHz
-
1400
-
pF
Output Capacitance
COSS
-
230
-
pF
Reverse Transfer Capacitance
CRSS
-8-
pF
Thermal Resistance Junction to Case
R
θJC
-
-
5.0
oC/W
FSPL230R, FSPL230F


Similar Part No. - FSPL230R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FSP FOX-FSP Datasheet
78Kb / 1P
   ULTRA MINIATURE SURFACE MOUNT WATCH CRYSTAL
logo
M-System Co.,Ltd.
FSP MSYSTEM-FSP Datasheet
104Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FSP-10-K MSYSTEM-FSP-10-K Datasheet
104Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FSP-10-K/Q MSYSTEM-FSP-10-K/Q Datasheet
104Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FSP-10-L MSYSTEM-FSP-10-L Datasheet
104Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FSPL230R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSJ163D INTERSIL-FSJ163D Datasheet
56Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
FSYC055D INTERSIL-FSYC055D Datasheet
49Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
July 1998
FSYE430D INTERSIL-FSYE430D Datasheet
58Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
FSYE23A0D INTERSIL-FSYE23A0D Datasheet
57Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 1999
FSYA254D INTERSIL-FSYA254D Datasheet
55Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
March 1999
FSYA450D INTERSIL-FSYA450D Datasheet
56Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
March 1999
FSPYE230R INTERSIL-FSPYE230R Datasheet
83Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 2000
FSL214D INTERSIL-FSL214D Datasheet
57Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
October 1998
FSPYC260R INTERSIL-FSPYC260R Datasheet
83Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 2000
FSYC163D INTERSIL-FSYC163D Datasheet
61Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 1999
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com