Electronic Components Datasheet Search |
|
IDT7205S35DB Datasheet(PDF) 6 Page - Integrated Device Technology |
|
IDT7205S35DB Datasheet(HTML) 6 Page - Integrated Device Technology |
6 / 14 page 5.04 6 IDT7203/7204/7205/7206 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 MILITARY AND COMMERCIAL TEMPERATURE RANGES AC TEST CONDITIONS 2661 tbl 07 CAPACITANCE(1) (TA = +25 °C, f = 1.0 MHz) Symbol Parameter Condition Max. Unit CIN (1) Input Capacitance VIN = 0V 10 pF COUT (1,2) Output Capacitance VOUT = 0V 10 pF NOTES: 2661 tbl 08 1. This parameter is sampled and not 100% tested. 2. With output deselected. Input Pulse Levels Input Rise/Fall Times Input Timing Reference Levels Output Reference Levels Output Load GND to 3.0V 5ns 1.5V 1.5V See Figure 1 SIGNAL DESCRIPTIONS Inputs: DATA IN (D0–D8) — Data inputs for 9-bit wide data. Controls: RESET ( RS RS) — Reset is accomplished whenever the Reset ( RS) input is taken to a LOW state. During reset, both internal read and write pointers are set to the first location. A reset is required after power-up before a write operation can take place. Both the Read Enable ( RR) and Write Enable (W W) inputs must be in the HIGH state during the window shown in Figure 2 (i.e. tRSS before the rising edge of RS RS) and should not change until tRSR after the rising edge of RS RS. WRITE ENABLE ( W W)—Awritecycleisinitiatedonthefalling edge of this input if the Full Flag ( FF) is not set. Data set-up and hold times must be adhered-to, with respect to the rising edge of the Write Enable ( W). Data is stored in the RAM array sequentially and independently of any on-going read operation. After half of the memory is filled, and at the falling edge of the next write operation, the Half-Full Flag ( HF) will be set to LOW, and will remain set until the difference between the write pointer and read pointer is less-than or equal to one-half of the total memory of the device. The Half-Full Flag ( HF) is reset by the rising edge of the read operation. To prevent data overflow, the Full Flag ( FF) will go LOW on the falling edge of the last write signal, which inhibits further write operations. Upon the completion of a valid read operation, the Full Flag ( FF) will go HIGH after tRFF, allowing a new valid write to begin. When the FIFO is full, the internal write pointer is blocked from W,soexternalchangesinWwillnotaffecttheFIFO when it is full. READ ENABLE ( RR) — A read cycle is initiated on the falling edge of the Read Enable ( R),providedtheEmptyFlag(EF)isnot set. The data is accessed on a First-In/First-Out basis, inde- pendent of any ongoing write operations. After Read Enable ( R) goes HIGH, the Data Outputs (Q0 through Q8) will return to a high-impedance condition until the next Read operation. When all the data has been read from the FIFO, the Empty Flag ( EF) will go LOW, allowing the “final” read cycle but inhibiting further read operations, with the data outputs remaining in a high- impedance state. Once a valid write operation has been accom- plished, the Empty Flag ( EF) will go HIGH after tWEF and a valid Read can then begin. When the FIFO is empty, the internal read pointer is blocked from R so external changes will not affect the FIFO when it is empty. FIRST LOAD/RETRANSMIT ( FL FL/RT RT) — This is a dual- purpose input. In the Depth Expansion Mode, this pin is grounded to indicate that it is the first device loaded (see Operating Modes). The Single Device Mode is initiated by grounding the Expansion In ( XI). The IDT7203/7204/7205/7206 can be made to retransmit data when the Retransmit Enable Control ( RT) input is pulsed LOW. A retransmit operation will set the internal read pointer to the first location and will not affect the write pointer. The status of the Flags will change depending on the relative locations of the read and write pointers. Read Enable ( R) and Write Enable ( W) must be in the HIGH state during retransmit. This feature is useful when less than 2048/4096/8192/16384 writes are per- formed between resets. The retransmit feature is not compat- ible with the Depth Expansion Mode. EXPANSION IN ( XI XI) — This input is a dual-purpose pin. Expansion In ( XI) is grounded to indicate an operation in the single device mode. Expansion In ( XI) is connected to Expan- sion Out ( XO) of the previous device in the Depth Expansion or Daisy-Chain Mode. 1.1K Ω 30pF* 680 Ω 5V D.U.T. OR EQUIVALENT CIRCUIT 2661 drw 03 Figure 1. Output Load *Includes jig and scope capacitances. |
Similar Part No. - IDT7205S35DB |
|
Similar Description - IDT7205S35DB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |