Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSJ9160R Datasheet(PDF) 6 Page - Intersil Corporation

Part # FSJ9160R
Description  44A, -100V, 0.055 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSJ9160R Datasheet(HTML) 6 Page - Intersil Corporation

  FSJ9160R Datasheet HTML 1Page - Intersil Corporation FSJ9160R Datasheet HTML 2Page - Intersil Corporation FSJ9160R Datasheet HTML 3Page - Intersil Corporation FSJ9160R Datasheet HTML 4Page - Intersil Corporation FSJ9160R Datasheet HTML 5Page - Intersil Corporation FSJ9160R Datasheet HTML 6Page - Intersil Corporation FSJ9160R Datasheet HTML 7Page - Intersil Corporation FSJ9160R Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
3-232
Screening Information
Screening is performed in accordance with the latest revision in effect of MIL-S-19500, (Screening Information Table).
Delta Tests and Limits (JANTXV Equivalent, JANS Equivalent) TC = 25oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MAX
UNITS
Gate to Source Leakage Current
IGSS
VGS = ±20V
±20 (Note 7)
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 80% Rated Value
±25 (Note 7)
µA
On Resistance
rDS(ON)
TC = 25
oC at Rated I
D
±20% (Note 8)
Gate Threshold Voltage
VGS(TH)
ID = 1.0mA
±20% (Note 8)
V
NOTES:
7. Or 100% of Initial Reading (whichever is greater).
8. Of Initial Reading.
Screening Information
TEST
JANTXV EQUIVALENT
JANS EQUIVALENT
Gate Stress
VGS = -30V, t = 250µsVGS = -30V, t = 250µs
Pind
Optional
Required
Pre Burn-In Tests (Note 9)
MIL-S-19500 Group A,
Subgroup 2 (All Static Tests at 25oC)
MIL-S-19500 Group A,
Subgroup 2 (All Static Tests at 25oC)
Steady State Gate
Bias (Gate Stress)
MIL-STD-750, Method 1042, Condition B
VGS = 80% of Rated Value,
TA = 150
oC, Time = 48 hours
MIL-STD-750, Method 1042, Condition B
VGS = 80% of Rated Value,
TA = 150
oC, Time = 48 hours
Interim Electrical Tests (Note 9)
All Delta Parameters Listed in the Delta Tests
and Limits Table
All Delta Parameters Listed in the Delta Tests
and Limits Table
Steady State Reverse
Bias (Drain Stress)
MIL-STD-750, Method 1042, Condition A
VDS = 80% of Rated Value,
TA = 150
oC, Time = 160 hours
MIL-STD-750, Method 1042, Condition A
VDS = 80% of Rated Value,
TA = 150
oC, Time = 240 hours
PDA
10%
5%
Final Electrical Tests (Note 9)
MIL-S-19500, Group A, Subgroup 2
MIL-S-19500, Group A,
Subgroups 2 and 3
NOTE:
9. Test limits are identical pre and post burn-in.
Additional Screening Tests
PARAMETER
SYMBOL
TEST CONDITIONS
MAX
UNITS
Safe Operating Area
SOA
VDS = -80V, t = 10ms
7.0
A
Unclamped Inductive Switching
IAS
VGS(PEAK) = -15V, L = 0.1mH
132
A
Thermal Response
∆VSD
tH = 100ms; VH = -25V; IH = 4A
90
mV
Thermal Impedance
∆VSD
tH = 500ms; VH = -25V; IH = 4A
160
mV
FSJ9160D, FSJ9160R


Similar Part No. - FSJ9160R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSJ9055D INTERSIL-FSJ9055D Datasheet
66Kb / 8P
   55A, -60V, 0.029 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSJ9055D1 INTERSIL-FSJ9055D1 Datasheet
66Kb / 8P
   55A, -60V, 0.029 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSJ9055D3 INTERSIL-FSJ9055D3 Datasheet
66Kb / 8P
   55A, -60V, 0.029 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSJ9055R INTERSIL-FSJ9055R Datasheet
66Kb / 8P
   55A, -60V, 0.029 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSJ9055R1 INTERSIL-FSJ9055R1 Datasheet
66Kb / 8P
   55A, -60V, 0.029 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
More results

Similar Description - FSJ9160R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSS9130D INTERSIL-FSS9130D Datasheet
44Kb / 8P
   6A, -100V, 0.660 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSL913A0D INTERSIL-FSL913A0D Datasheet
57Kb / 8P
   7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1999
FSJ260D INTERSIL-FSJ260D Datasheet
46Kb / 8P
   44A, 200V, 0.050 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL9110D INTERSIL-FSL9110D Datasheet
57Kb / 8P
   2.5A, -100V, 1.30 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
October 1998
FSL9130D INTERSIL-FSL9130D Datasheet
45Kb / 8P
   5A, -100V, 0.680 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSF9150D INTERSIL-FSF9150D Datasheet
45Kb / 8P
   22A, -100V, 0.140 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSL130D INTERSIL-FSL130D Datasheet
45Kb / 8P
   8A, 100V, 0.230 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS130D INTERSIL-FSS130D Datasheet
45Kb / 8P
   11A, 100V, 0.210 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ160D INTERSIL-FSJ160D Datasheet
60Kb / 9P
   70A, 100V, 0.022 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL110D INTERSIL-FSL110D Datasheet
58Kb / 8P
   3.5A, 100V, 0.600 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
October 1998
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com